Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICC03-400B2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ICC03-400B2
Description  IGNITION CONTROL CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ICC03-400B2 Datasheet(HTML) 7 Page - STMicroelectronics

  ICC03-400B2 Datasheet HTML 1Page - STMicroelectronics ICC03-400B2 Datasheet HTML 2Page - STMicroelectronics ICC03-400B2 Datasheet HTML 3Page - STMicroelectronics ICC03-400B2 Datasheet HTML 4Page - STMicroelectronics ICC03-400B2 Datasheet HTML 5Page - STMicroelectronics ICC03-400B2 Datasheet HTML 6Page - STMicroelectronics ICC03-400B2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PACKAGE MECHANICAL DATA
DIL8 (Plastic)
8
1
5
4
E
D
F
b1
b
e3
e
Z
B
B1
I
L
a1
REF.
DIMENSIONS
Millimetres
Inches
Min. Typ. Max. Min. Typ. Max.
a1
0.70
0.027
B
1.39
1.65 0.055
0.065
B1
0.91
1.04 0.036
0.041
b
0.5
0.020
b1
0.38
0.50 0.015
0.020
D
9.80
0.385
E
8.8
0.346
e
2.54
0.100
e3
7.62
0.300
F
7.1
0.280
I
4.8
0.189
L
3.3
0.130
Z
0.44
1.60 0.017
0.063
Marking : ICC3-400
Weight : 0.59 g
R RESISTOR CALCULATION
The purpose of the resistor R is to limit the current
IG through the thyristor gate. Its maximum value
can be calculated as follow :
R max = (Vs min - VGT max) / 2 IGT max
POWER LOSSES (For 20
µs - see note 1)
The following equations can be used to evaluate
power losses :
For TH VTO = 2.65V
Rt = 0.110
Ω
For D2 VFO = 1.73V
Rd = 0.075
Ω
PROTECTION AGAINST PARASITIC SPIKES
The capacitor C2 in relation with R acts as a filter
and avoids the unexpected firing of the thyristor
due to parasitic spikes. Good results have been
obtained with 10nF capacitance.
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsIbility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1998 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands
Singapore - Spain - Sweden - Swit zerland - Taiwan - Thailand - United Kingdom - U.S.A.
ICC03-400B2
7/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com