Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB2S309 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DB2S309
Description  Silicon epitaxial planar type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DB2S309 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DB2S309 Datasheet HTML 1Page - Panasonic Semiconductor DB2S309 Datasheet HTML 2Page - Panasonic Semiconductor DB2S309 Datasheet HTML 3Page - Panasonic Semiconductor DB2S309 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ver. CED
DB2S309
2
IF  VF
IR  VR
Ct VR
10−5
0
0.4
0.6
0.2
10−4
10−3
10−1
10−2
1
DB2S309_ IF-VF
Forward voltage VF (V)
85°C
100°C
25°C
−
40°C
Ta = 125°C
Pulse test
10−11
10−10
0
10
20
30
40
10−9
10−8
10−7
10−6
10−5
10−3
10−4
DB2S309_ IR-VR
Reverse voltage VR (V)
85°C
25°C
−
40°C
100°C
Ta = 125°C
0
5
0
10
20
30
20
15
10
Reverse voltage VR (V)
DB2S309_Ct-VR
Ta = 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com