Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB2S310 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DB2S310
Description  Silicon epitaxial planar type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DB2S310 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DB2S310 Datasheet HTML 1Page - Panasonic Semiconductor DB2S310 Datasheet HTML 2Page - Panasonic Semiconductor DB2S310 Datasheet HTML 3Page - Panasonic Semiconductor DB2S310 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ver. DED
Publication date: April 2013
1
DB2S310
Silicon epitaxial planar type
For high speed switching circuits
DB2J310 in SSMini2 type package
Features
Low forward voltage VF
Short reverse recovery time trr
Halogen-free / RoHS compliant
(EU RoHS / UL-94 V-0 / MSL: Level 1 compliant)
Marking Symbol: B7
Packaging
DB2S31000L Embossed type (Thermo-compression sealing): 3000 pcs / reel (standard)
Absolute Maximum Ratings Ta = 25°C
Parameter
Symbol
Rating
Unit
Reverse voltage
VR
30
V
Repetitive peak reverse voltage
VRRM
30
V
Forward current (Average)
IF(AV)
200
mA
Peak forward current
IFM
300
mA
Non-repetitive peak forward surge current *1
IFSM
1
A
Junction temperature
Tj
125
°
C
Operating ambient temperature
Topr
–40 to +85
°
C
Storage temperature
Tstg
–55 to +125
°
C
Note) *1: 50 Hz sine wave 1 cycle (Non-repetitive peak current)
Electrical Characteristics Ta = 25°C±3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 200 mA
0.47
V
Reverse current
IR1
VR = 10 V
20
µ
A
IR2
VR = 30 V
200
Terminal capacitance
Ct
VR = 10 V, f = 1 MHz
4.5
pF
Reverse recovery time *1
trr
IF = IR = 100 mA, Irr = 10 mA, RL = 100 Ω
1.6
ns
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. This product is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body and the leakage
of current from the operating equipment.
3. Absolute frequency of input and output is 250 MHz
*1: trr measurement circuit
Bias Application Unit (N-50BU)
90%
Pulse Generator
(PG-10N)
Rs = 50 Ω
Wave Form Analyzer
(SAS-8130)
Ri = 50 Ω
tp = 2 µs
tr = 0.35 ns
δ
= 0.05
IF = 100 mA
IR = 100 mA
RL = 100 Ω
10%
Irr = 10 mA
tr
tp
trr
VR
IF
t
t
A
Input Pulse
Output Pulse
Unit: mm
1: Cathode
2: Anode
Panasonic
SSMini2-F5-B
JEITA
SC-79
Code
SOD-523


Similar Part No. - DB2S310

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DB2S311 PANASONIC-DB2S311 Datasheet
504Kb / 4P
Silicon epitaxial planar type
Ver. DED
DB2S31100L PANASONIC-DB2S31100L Datasheet
504Kb / 4P
Silicon epitaxial planar type
Ver. DED
DB2S314 PANASONIC-DB2S314 Datasheet
328Kb / 4P
For high speed switching circuits DB2J314 in SSMini2 type package
DB2S31400L PANASONIC-DB2S31400L Datasheet
328Kb / 4P
For high speed switching circuits DB2J314 in SSMini2 type package
logo
Panasonic Battery Group
DB2S31600L PANASONICBATTERY-DB2S31600L Datasheet
358Kb / 4P
DB2S316 Silicon epitaxial planar type
More results

Similar Description - DB2S310

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
Silicon epitaxial planar type
MA2S377 PANASONIC-MA2S377 Datasheet
38Kb / 2P
Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2X707 PANASONIC-MA2X707 Datasheet
41Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z367 PANASONIC-MA2Z367 Datasheet
40Kb / 2P
Silicon epitaxial planar type
MA2Z720 PANASONIC-MA2Z720 Datasheet
42Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com