Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5026 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5026
Description  16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5026 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5026 Datasheet HTML 6Page - Monolithic Power Systems MP5026 Datasheet HTML 7Page - Monolithic Power Systems MP5026 Datasheet HTML 8Page - Monolithic Power Systems MP5026 Datasheet HTML 9Page - Monolithic Power Systems MP5026 Datasheet HTML 10Page - Monolithic Power Systems MP5026 Datasheet HTML 11Page - Monolithic Power Systems MP5026 Datasheet HTML 12Page - Monolithic Power Systems MP5026 Datasheet HTML 13Page - Monolithic Power Systems MP5026 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MP5026
– 16V, 20A, 2.8mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5026 Rev. 1.0
MonolithicPower.com
10
7/5/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
VIN = 12V, RISET = 12kΩ, RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
39
39.2
39.4
39.6
39.8
40
40.2
40.4
40.6
40.8
41
-40 -20 0
20 40 60 80 100 120 140
TEMPERATURE ( C)
OCP Timer Current vs.
Temperature
2.2
2.25
2.3
2.35
2.4
2.45
2.5
-40 -20 0
20 40 60 80 100 120 140
TEMPERATURE ( C)
V
CC UVLO Threshold vs.
Temperature
VCC UVLO Rising
VCC UVLO Falling
1.5
2
2.5
3
3.5
4
4.5
-40 -20 0
20 40 60 80 100 120 140
TEMPERATURE ( C)
On Resistance vs.
Temperature
2.5
2.7
2.9
3.1
3.3
3.5
2
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
VCC Voltage vs.
Input Voltage
-6
-5
-4
-3
-2
-1
0
0
4
8 12 16 20 24 28 32 36 40
I
VCC (mA)
VCC Load Regulation
Safe Operating Area (SOA)
Tested on the EV5026-V-00A (6.35cmx
7.15cm), 4-layer PCB, 2oz per layer
0.1
1
10
100
0.01
0.1
1
10
V
DS (V)
DC
1s
100ms
50ms
10ms
2ms
1ms
Boundry
RθJA = 22.3 C/W
TJMAX = 150 C Max Rated
TA = 25 C Single Pulse
Limited by RDS(ON)
Limited by IDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com