Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7343 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7343
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7343 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7343 Datasheet HTML 1Page - Diodes Incorporated AP7343 Datasheet HTML 2Page - Diodes Incorporated AP7343 Datasheet HTML 3Page - Diodes Incorporated AP7343 Datasheet HTML 4Page - Diodes Incorporated AP7343 Datasheet HTML 5Page - Diodes Incorporated AP7343 Datasheet HTML 6Page - Diodes Incorporated AP7343 Datasheet HTML 7Page - Diodes Incorporated AP7343 Datasheet HTML 8Page - Diodes Incorporated AP7343 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AP7343
Document number: DS37952 Rev. 4 - 2
3 of 18
www.diodes.com
November 2016
© Diodes Incorporated
AP7343
Electrical Characteristics (@TA = +25°C, VIN = VOUT +1.0V, CIN = COUT = 1.0µF, IOUT = 1.0mA, unless otherwise specified.)
Parameter
Condition
Min
Typ
Max
Units
Input Voltage
TA = -40°C to +85°C
1.7
—
5.25
V
Output Voltage Accuracy (Note 11)
VOUT(T) ≥ 2.0V, VIN = VOUT(T)+1V
TA = +25°C
VOUT(T)*
0.99
VOUT(T)
VOUT(T)*
1.01
V
VOUT(T) < 2.0V, VIN = VOUT(T)+1V
TA = +25°C
VOUT(T)-
20mV
VOUT(T)
VOUT(T)+
20mV
Line Regulation (dVOUT/dVIN/VOUT)
VIN = (VOUT – Nom +1.0V) to 5.25V, IOUT = 1.0mA
—
0.02
0.1
%/V
Load Regulation
VIN = VOUT - Nom +1.0V, IOUT = 1mA to 300mA
—
15
30
mV
Quiescent Current (Note 6)
IOUT = 0mA
—
35
60
µA
ISTANDBY
VEN = 0V (Disabled)
—
0.01
1.0
µA
Output Current
—
300
—
—
mA
Fold-back Short Current (Note 7)
VOUT Short to Ground
—
55
—
mA
PSRR (Note 8)
VIN = (VOUT+1V) VDC + 0.2Vp-pAC,
VOUT ≥ 1.8V, IOUT = 30mA
f = 1kHz
—
75
—
dB
Output Noise Voltage
(Note 8) (Note 9)
BW = 10Hz to 100kHz, IOUT = 30mA
—
60
—
µVrms
Dropout Voltage (Note 5)
IOUT = 300mA
(X2-DFN1010-4 (Type B))
VOUT = 0.9V
—
0.51
0.80
V
1.0V < VOUT  1.2V
—
0.46
0.70
1.2V < VOUT  1.4V
—
0.39
0.58
1.4V < VOUT  1.7V
—
0.35
0.44
1.7V < VOUT  2.1V
—
0.30
0.39
2.1V < VOUT  2.5V
—
0.26
0.34
2.5V < VOUT  3.0V
—
0.25
0.30
3.0V < VOUT  3.6V
—
0.22
0.29
IOUT = 300mA (SOT25)
VOUT = 0.9V
—
0.51
0.82
V
1.0V < VOUT  1.2V
—
0.46
0.72
1.2V < VOUT  1.4V
—
0.39
0.60
1.4V < VOUT  1.7V
—
0.35
0.46
1.7V < VOUT  2.1V
—
0.30
0.41
2.1V < VOUT  2.5V
—
0.26
0.36
2.5V < VOUT  3.0V
—
0.25
0.32
3.0V < VOUT  3.6V
—
0.22
0.31
Output Voltage Temperature
Coefficient
IOUT = 30mA, TA = -40°C to +85°C
—
±30
—
ppm/°C
Thermal Shutdown Threshold
(TSHDN)
—
—
+150
—
°C
Thermal Shutdown Hysteresis (THYS)
—
—
+20
—
°C
EN Input Low Voltage
—
0
—
0.5
V
EN Input High Voltage
—
1.3
—
5.25
V
EN Input Leakage
VEN = 0, VIN = 5.0V or VEN = 5.0V, VIN = 0V
-1.0
—
+1.0
µA
On Resistance of N-Channel for Auto-
Discharge (Note 10)
VIN = 4.0V, VEN = 0V (Disabled)
—
30
—
Ω
Thermal Resistance Junction to
Ambient (
JA)
X2-DFN1010-4 (Type B)
—
237
—
°C/W
SOT25
—
179
—
Thermal Resistance Junction to Case
(
JC)
X2-DFN1010-4 (Type B)
—
96
—
SOT25
—
52
—
Notes:
5. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its nominal value.
6. Quiescent current is defined here is the difference in current between the input and the output.
7. Short circuit current is measured with VOUT pulled to GND.
8. This specification is guaranteed by design.
9. To make sure lowest environment noise minimizes the influence on noise measurement.
10. AP7343 has 2 options for output, built-in discharge and non-discharge.
11. Potential multiple grades based on following output voltage accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com