Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC61CC0902PR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC61CC0902PR
Description  Low Voltage Detectors (VDF= 0.8V~1.5V) Standard Voltage Detectors (VDF 1.6V~6.0V)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61CC0902PR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC61CC0902PR Datasheet HTML 1Page - Torex Semiconductor XC61CC0902PR Datasheet HTML 2Page - Torex Semiconductor XC61CC0902PR Datasheet HTML 3Page - Torex Semiconductor XC61CC0902PR Datasheet HTML 4Page - Torex Semiconductor XC61CC0902PR Datasheet HTML 5Page - Torex Semiconductor XC61CC0902PR Datasheet HTML 6Page - Torex Semiconductor XC61CC0902PR Datasheet HTML 7Page - Torex Semiconductor XC61CC0902PR Datasheet HTML 8Page - Torex Semiconductor XC61CC0902PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/16
XC61C Series
PIN NUMBER
PIN NAME
FUNCTIONS
SSOT-24
SOT-23
SOT-89
2
3
2
VIN
Supply Voltage Input
4
2
3
VSS
Ground
1
1
1
VOUT
Output
3
-
-
NC
No Connection
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Output Configuration
C
CMOS output
N
N-ch open drain output
②③
Detect Voltage
08 ~ 60
e.g.0.9V → ②0, ③9
e.g.1.5V → ②1, ③5
④
Output Delay
0
No delay
⑤
Detect Accuracy
1
Within ±1% (VDF(T)=2.6V~5.1V)
2
Within ±2%
⑥⑦-⑧ (*1)
Packages (Order Unit)
NR
SSOT-24 (3,000
pcs/Reel)
NR-G
SSOT-24 (3,000
pcs/Reel)
MR
SOT-23 (3,000
pcs/Reel)
MR-G
SOT-23 (3,000
pcs/Reel)
PR
SOT-89 (1,000
pcs/Reel)
PR-G
SOT-89 (1,000
pcs/Reel)
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC61C①②③④⑤⑥⑦-⑧(*1)
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com