Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMSB300 Datasheet(PDF) 5 Page - STMicroelectronics

Part # IMSB300
Description  TCPlink Development System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSB300 Datasheet(HTML) 5 Page - STMicroelectronics

  IMSB300 Datasheet HTML 1Page - STMicroelectronics IMSB300 Datasheet HTML 2Page - STMicroelectronics IMSB300 Datasheet HTML 3Page - STMicroelectronics IMSB300 Datasheet HTML 4Page - STMicroelectronics IMSB300 Datasheet HTML 5Page - STMicroelectronics IMSB300 Datasheet HTML 6Page - STMicroelectronics IMSB300 Datasheet HTML 7Page - STMicroelectronics IMSB300 Datasheet HTML 8Page - STMicroelectronics IMSB300 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IMS B300 Ethernet connection system datasheet
5/12
3.2.1
Connections to an IMS B014
The use of the IMS CA16 cable in conjunction with the connectors on a IMS B014 standard VME motherboard is illustrated
in figure 4. The jumper configuration of the motherboard is shown in figure 4. As can be seen, the single ended cable
connections from the IMS B300 are mated with a ‘breakout’ connector or ‘hedgehog’ mounted in the P4 front panel con-
nector of the IMS B014. A TRAM should be inserted in slot 0 of the IMS B014 motherboard array. Other TRAMs may
be added to the motherboard as required. The IMS B014 can be inserted in a VME rack or used in a bench-top mode
via a separate power supply.
Note that this example assumes the use of a 20Mbit/s link speed on both the IMS B300 subsystem and the IMS B014
motherboard. Also note that it is not possible to configure an IMS B014 to access the appropriate signal connections via
its back panel (P2) connector.
FrontServicesUp (on P4)
Link 0
Link 1
Link 2
Link 3
Link 4
Link 5
Link 6
Link 7
FrontConfigUp (on P4)
Connector Link (on P4)
not used
FrontConfigDown (P5)
not used
FrontServicesDown (on P5)
Link
From IMS B300
via IMS CA16 cable
SubsystemDown
Figure 4
Front panel ‘breakout’ connector on P4 of IMS B014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com