Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1044-QL Datasheet(PDF) 1 Page - Mimix Broadband

Part # XP1044-QL
Description  4.9-5.9 GHz 3W Power Amplifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1044-QL Datasheet(HTML) 1 Page - Mimix Broadband

  XP1044-QL Datasheet HTML 1Page - Mimix Broadband XP1044-QL Datasheet HTML 2Page - Mimix Broadband XP1044-QL Datasheet HTML 3Page - Mimix Broadband XP1044-QL Datasheet HTML 4Page - Mimix Broadband XP1044-QL Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
4.9-5.9 GHz
3W Power Amplifier Module
February 2008 - Rev 20-Feb-08
P1044-QL
P1dB, 34.5 dBm
Pout 26 dBm @ EVM = 2.5% (PAR=9.17 dB)
OIP3, 46 dBm
Gain,17 dB
Voltage, 8V
Input Internally Matched
7X7mm Surface Mount Package
Ideal for WiMAX Applications @ 5.8GHz
Features
Functional Block Diagram
Absolute Maximum Ratings
Supply Voltage
RF Input Power*
Storage Temperature
Junctions Temperature
Operating Temperature
Thermal Resistance
+9.0V
+23 dBm
-55 to +125 ºC
175 ºC
-40 to 85 ºC
24 ºC/W
Electrical Characteristics (T=25
o
C,Voltage Supply=8V)
General Description
The XP1044-QL is a highly linear 2-stage power amplifier
capable of 17 dB of gain, 3W of power at 1 dB compression
and is housed in an RoHS compliant 7X7mm package. The
XP1044-QL provides less than 2.5% EVM at 26 dBm output
power with 802.16 OFDM signal and peak to average ratio
9.17 dB. The input and output of the device are internally
pre-matched facilitating a simplified input and output
match. This product operates off an 8V voltage supply and
requires negative voltage which is used for current control.
XP1044-QL is specifically designed for WiMAX applications
between 4.9 GHz and 5.9 GHz.
Unless otherwise specified, the following specifications are guaranteed at room temperature in a Mimix test fixture.
Parameter
Condition
Min
Typ
Max
Units
Frequency Range
4.9
5.8
5.9
GHz
Power Gain
@ Pout = 27dBm
15
17.0
dB
Linear Power
@ EVM = 2.5%,
OFDM, 802.16 PAR = 9dB
26
dBm
Input Return Loss
-10.0
dB
Output IP3 @ 22dBm/Tone
44
46.0
dBm
Noise Figure
5
dB
Output P1dB
34.5
dBm
Operating Current Range
1200
mA
Supply Voltage
5.0
8.0
V
Negative Voltage
-0.7
V


Similar Part No. - XP1044-QL

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL Datasheet
1Mb / 10P
3W Power Amplifier ModuleMarch
logo
M/A-COM Technology Solu...
XP1044-QL MA-COM-XP1044-QL Datasheet
1Mb / 10P
3W Power Amplifier Module
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL_10 Datasheet
1Mb / 10P
3W Power Amplifier ModuleMarch
logo
M/A-COM Technology Solu...
XP1044-QL MA-COM-XP1044-QL_15 Datasheet
1Mb / 10P
3W Power Amplifier Module
More results

Similar Description - XP1044-QL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZA-5044 ETC-SZA-5044 Datasheet
267Kb / 8P
4.9 - 5.9 GHz 5V Power Amplifier
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
4.9-5.9 GHz WLAN Linear Power Amplifier Module
RMPA5252 FAIRCHILD-RMPA5252 Datasheet
250Kb / 7P
4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
FMPA2151 FAIRCHILD-FMPA2151 Datasheet
462Kb / 4P
2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module
logo
SIRENZA MICRODEVICES
STA-6033 SIRENZA-STA-6033 Datasheet
203Kb / 8P
4.9 - 5.9 GHz 3.3V Power Amplifier
SZA-5044 SIRENZA-SZA-5044 Datasheet
210Kb / 7P
4.9 - 5.9 GHz 5V Power Amplifier
logo
Hittite Microwave Corpo...
HMC415LP3 HITTITE-HMC415LP3_09 Datasheet
278Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
logo
Microchip Technology
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
logo
IXYS Corporation
MMA-495933-Q5 IXYS-MMA-495933-Q5 Datasheet
198Kb / 8P
4.9 ??5.9 GHz Linear Power Amplifier Preliminary Data Sheet
logo
Microchip Technology
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
4.9-5.9 GHz High-Linearity Power Amplifier
08/13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com