Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR1001-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XR1001-BD
Description  33.0-40.0 GHz GaAs MMIC Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1001-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XR1001-BD Datasheet HTML 1Page - Mimix Broadband XR1001-BD Datasheet HTML 2Page - Mimix Broadband XR1001-BD Datasheet HTML 3Page - Mimix Broadband XR1001-BD Datasheet HTML 4Page - Mimix Broadband XR1001-BD Datasheet HTML 5Page - Mimix Broadband XR1001-BD Datasheet HTML 6Page - Mimix Broadband XR1001-BD Datasheet HTML 7Page - Mimix Broadband XR1001-BD Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Receiver Measurements
XR1001-BD Vd=3.0 V Id=30 mA
0.00
1.00
2.00
3.00
4.00
5.00
36.0
36.5
37.0
37.7
38.0
38.5
39.0
39.5
40.0
Frequency (GHz)
XR1001-BD Vd=3.0 V Id=30 mA
-30
-25
-20
-15
-10
-5
0
36.0
36.5
37.0
37.5
38.0
38.5
39.0
39.5
40.0
Frequency (GHz)
Page 2 of 8
XR1001-BD Vd=3.0 V, Id=30 mA, USB
LO=+12.0 dBm, IF=1.0 GHz, RF=-20.0 dBm, ~560 Devices
0
2
4
6
8
10
12
14
35
36
37
38
39
40
41
RF Frequency (GHz)
Max
Median
Mean
-3sigma
XR1001-BD Vd=3.0 V, Id=30 mA, LSB
LO=+12.0 dBm, IF=1.0 GHz, RF=-20.0 dBm, ~560 Devices
0
2
4
6
8
10
12
14
35
36
37
38
39
40
41
RF Frequency (GHz)
Max
Median
Mean
-3sigma
XR1001-BD Vd=3.0 V, Id=30 mA, USB
LO=+12.0 dBm, IF=1.0 GHz, RF=-20.0 dBm, ~560 Devices
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
35
36
37
38
39
40
41
Frequency (GHz)
+3sigma
Max
Median
Mean
-3sigma
XR1001-BD Vd=3.0 V, Id=30 mA, LSB
LO=+12.0 dBm, IF=1.0 GHz, RF=-20.0 dBm, ~560 Devices
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
35
36
37
38
39
40
41
RF Frequency (GHz)
Max
Median
Mean
-3sigma
33.0-40.0 GHz GaAs MMIC
Receiver
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2007 - Rev 19-Apr-07
R1001-BD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com