Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

433 Datasheet(PDF) 1 Page - 3M Electronics

Part # 433
Description  High Temperature Aluminum Foil Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

433 Datasheet(HTML) 1 Page - 3M Electronics

  433 Datasheet HTML 1Page - 3M Electronics 433 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
High Temperature Aluminum
Foil Tape
433 • 433L (Linered)
Technical Data
Product Description
3M™ High Temperature Aluminum Foil Tape 433 has a silicone adhesive that can be
used in many high temperature applications. Also comes in an easy-release film liner.
Product Construction
Backing
Adhesive
Color
Liner (3M tape 433L)
Standard Roll Length
Aluminum foil
Silicone
Shiny silver
Clear, easy-
60 yds. (55 m)
(Alloy 1100-0)
(clear)
release film
Features
• Flame resistant – meets requirements of F.A.R. 25.853(a).
• 3M™ High Temperature Aluminum Foil Tape 433L can easily be die-cut into
special sizes or shapes.
• Best results obtained when applied to a clean surface above 32°F (0°C), but tape
can be applied from 0°F to 200°F (-18°C to 93°C).
• Performance range from -65°F to over 600°F (-54°C to over 316°C). Adhesive will
gradually thermoset at high temperatures. As it thermosets, the adhesive mass
becomes firm and gradually loses its pressure sensitivity but will continue to hold the
tape in place.
Typical Physical
Properties
ASTM Test Method
Adhesion to Steel:
3M tape 433
40 oz./in. width (43.8 N/100 mm)
D-3330
3M tape 433L
38 oz./in. width (42.0 N/100 mm)
D-3330
Tensile Strength:
20 lbs./in. width (350 N/100 mm)
D-3759
Elongation at Break:
3.5%
D-3759
Backing Thickness:
2.0 mils (0.05 mm)
D-3652
Total Tape Thickness:
3M tape 433
3.6 mils (0.09 mm)
D-3652
3M tape 433L
3.5 mils (0.09 mm)
D-3652
Liner Thickness:
3M tape 433L
2 .9 mils (0.07 mm)
D-3652
Water Vapor
0.1 gms H2O/100 sq. in./24 hrs.
Transmission Rate:
(1.55 g/m2/24 hrs.)
Temperature Use Range:
D-3833
Permanent Appl.
-65° to 600°F (-54° to 316°C)
Removable Appl.
-65° to 375°F (-54° to 190°C)
Weight:
0.0096 lbs./yd./in. width (.0049 kg/m/24 mm)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.


Similar Part No. - 433

ManufacturerPart #DatasheetDescription
logo
Littelfuse
433 LITTELFUSE-433 Datasheet
51Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
logo
Oscilent Corporation
433 OSCILENT-433 Datasheet
134Kb / 2P
Ultra Low Jitter 1pS
logo
3M Electronics
433 3M-433 Datasheet
48Kb / 3P
433 High Temperature Aluminium Foil Tape
Mar-1996
logo
TE Connectivity Ltd
433 TEC-433 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Adafruit Industries
433 ADAFRUIT-433 Datasheet
111Kb / 2P
Medium Modular Snap Boxes - SMD component storage - 2 pack - Pink
7/23/2015
More results

Similar Description - 433

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2-5-425 3M-2-5-425 Datasheet
344Kb / 2P
Aluminum Foil Tape
Apr-2008
433 3M-433 Datasheet
48Kb / 3P
433 High Temperature Aluminium Foil Tape
Mar-1996
1517CW 3M-1517CW Datasheet
209Kb / 2P
Venture Tape™ Aluminum Foil Tape
Aug-2017
1520CW 3M-1520CW Datasheet
252Kb / 2P
Venture Tape™ Aluminum Foil Tape
Jan-2017
1580-P 3M-1580-P Datasheet
251Kb / 2P
Venture Tape™ UL181B Aluminum Foil Tape
Sep-2017
3520CW 3M-3520CW Datasheet
236Kb / 2P
Venture Tape??Aluminum Foil Tape
3363 3M-3363 Datasheet
29Kb / 2P
Aluminum Foil Tape
3380 3M-3380 Datasheet
28Kb / 2P
Aluminum Foil Tape
3369 3M-3369 Datasheet
34Kb / 2P
Aluminum Foil Tape
3340 3M-3340 Datasheet
143Kb / 5P
3M™ Aluminum Foil Tape 3340
Jul-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com