Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T110C107J010AS Datasheet(PDF) 13 Page - Kemet Corporation

Part # T110C107J010AS
Description  T110 Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T110C107J010AS Datasheet(HTML) 13 Page - Kemet Corporation

Back Button T110C107J010AS Datasheet HTML 9Page - Kemet Corporation T110C107J010AS Datasheet HTML 10Page - Kemet Corporation T110C107J010AS Datasheet HTML 11Page - Kemet Corporation T110C107J010AS Datasheet HTML 12Page - Kemet Corporation T110C107J010AS Datasheet HTML 13Page - Kemet Corporation T110C107J010AS Datasheet HTML 14Page - Kemet Corporation T110C107J010AS Datasheet HTML 15Page - Kemet Corporation T110C107J010AS Datasheet HTML 16Page - Kemet Corporation T110C107J010AS Datasheet HTML 17Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
T2031_T110_AXIAL_T212 • 2/24/2020
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
13
Tantalum Through-Hole Capacitors – Hermetically Sealed
T110 Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style)
Rated
Voltage
Rated
Cap
Case
Size
Code
KEMET Part
Number
DC
Leakage
DF
% at
25°C
MIL–PRF–39003 (CSR13) Capacitors
Dash Number Reference
KEMET
Equivalent
Military
Failure Rate Level (%/1,000 hours)
MIL–PRF–39003/1K
MIL–PRF–39003/1K
Exponential
Graded
(V) 85°C
µF
(See below for
part options)
µA at 25°C
Max/5 Minutes
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1.0)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
50
18.0
C
T110C186J050A(3)
4.5
4
5093
5293
5493
5693
4231
6231
7231
8231
T212C186J050(2)S
50
18.0
C
T110C186K050A(3)
4.5
4
2379
2619
2859
3099
4232
6232
7232
8232
T212C186K050(2)S
50
18.0
C
T110C186M050A(3)
4.5
4
50
22.0
D
T110D226J050A(3)
5.5
4
5094
5294
5494
5694
4233
6233
7233
8233
T212D226J050(2)S
50
22.0
D
T110D226K050A(3)
5.5
4
2380
2620
2860
3100
4234
6234
7234
8234
T212D226K050(2)S
50
22.0
D
T110D226M050A(3)
5.5
4
2381
2621
2861
3101
4235
6235
7235
8235 T212D226M050(2)S
60
0.0047
A
T110A472(1)060A(3)
0.3
3
60
0.0056
A
T110A562(1)060A(3)
0.3
3
60
0.0068
A
T110A682(1)060A(3)
0.3
3
60
0.0082
A
T110A822(1)060A(3)
0.3
3
60
0.01
A
T110A103(1)060A(3)
0.3
3
60
0.012
A
T110A123(1)060A(3)
0.3
3
60
0.015
A
T110A153(1)060A(3)
0.3
3
60
0.018
A
T110A183(1)060A(3)
0.3
3
60
0.022
A
T110A223(1)060A(3)
0.3
3
60
0.027
A
T110A273(1)060A(3)
0.3
3
60
0.033
A
T110A333(1)060A(3)
0.3
3
60
0.039
A
T110A393(1)060A(3)
0.3
3
60
0.047
A
T110A473(1)060A(3)
0.3
3
60
0.056
A
T110A563(1)060A(3)
0.3
3
60
0.068
A
T110A683(1)060A(3)
0.3
3
60
0.082
A
T110A823(1)060A(3)
0.3
3
60
0.1
A
T110A104(1)060A(3)
0.5
3
60
0.12
A
T110A124(1)060A(3)
0.5
3
60
0.15
A
T110A154(1)060A(3)
0.5
3
60
0.18
A
T110A184(1)060A(3)
0.5
3
60
0.22
A
T110A224(1)060A(3)
0.5
3
60
0.27
A
T110A274(1)060A(3)
0.5
3
60
0.33
A
T110A334(1)060A(3)
0.5
3
60
0.39
A
T110A394(1)060A(3)
0.5
3
60
0.47
A
T110A474(1)060A(3)
0.5
3
60
0.56
A
T110A564(1)060A(3)
0.5
3
60
0.68
A
T110A684(1)060A(3)
0.5
3
60
0.82
B
T110B824(1)060A(3)
0.5
3
60
1.0
B
T110B105(1)060A(3)
0.5
3
60
1.2
B
T110B125(1)060A(3)
0.5
4
60
1.5
B
T110B155(1)060A(3)
0.5
4
60
1.8
B
T110B185(1)060A(3)
0.5
4
60
2.2
B
T110B225(1)060A(3)
1.0
4
60
2.7
B
T110B275(1)060A(3)
1.0
4
60
3.3
B
T110B335(1)060A(3)
1.5
4
60
3.9
B
T110B395(1)060A(3)
1.5
4
60
4.7
C
T110C475(1)060A(3)
2.0
4
60
5.6
C
T110C565(1)060A(3)
2.0
4
60
6.8
C
T110C685(1)060A(3)
3.0
4
(V) 85°C
µF
Case
Size
Code
(see below for
part options)
µA at 25°C
Max/5 Minimum
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1.0)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
Rated
Voltage
Rated
Cap
KEMET Part
Number
DC
Leakage
DF % at
25°C
MIL–PRF–39003 (CSR13) Capacitors
Table 1 – Ratings & Part Number Reference cont.
(1) To complete KEMET Part Number, insert M for ±20%, K for ±10%, or J for 5%. Designates capacitance tolerance.
(2) To complete KEMET Part Number (T212), insert Graded failure rate – B for 0.1%/k hours, C for 0.01%/k hours, D for 0.001%/k hours, or G for 1%/k
hours; or insert Exponential failure rate – M for 1%/k hours, P for 0.1%/k hours, R for 0.01%/k hours, or S for 0.001%/k hours.
Designates Reliability Level.
(3) To complete KEMET Part Number (T110), insert Lead Material designator – S for Standard or T for 100% Matte Tin. Designates Termination finish.
Refer to Ordering Information for additional detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com