Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL0300 Datasheet(PDF) 1 Page - Power IC Ltd.

Part # PL0300
Description  Low Noise, Fixed Output Voltage 300mA LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL0300 Datasheet(HTML) 1 Page - Power IC Ltd.

  PL0300 Datasheet HTML 1Page - Power IC Ltd. PL0300 Datasheet HTML 2Page - Power IC Ltd. PL0300 Datasheet HTML 3Page - Power IC Ltd. PL0300 Datasheet HTML 4Page - Power IC Ltd. PL0300 Datasheet HTML 5Page - Power IC Ltd. PL0300 Datasheet HTML 6Page - Power IC Ltd. PL0300 Datasheet HTML 7Page - Power IC Ltd. PL0300 Datasheet HTML 8Page - Power IC Ltd. PL0300 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
Guaranteed 300mA output
Ultra low output noise
Output voltage accuracy: ±2%
Low ground current: 90µA
Very low dropout: 380mV @ 300mA
Zero shutdown supply current
TTL-logic-controlled enable input
Thermal and current limit protections
Compatible with low ESR capacitor to
achieve ultra low droop load transient
response
Ultra fast line transient response
Low profile 5-lead SOT-25 package
Fixed options from 1.5V to 5.0V with
100mV steps
APPLICATIONS
Cellular and cordless phones
PDAs
Battery powered portable equipment
Notebook computers
PC peripherals
Wireless LAN cards
Bluetooth devices
DESCRIPTION
The PL0300/P is a CMOS low dropout linear
regulator with ultra-low-noise output, very low
dropout voltage and very low ground current.
The PL0300/P operates from a 2.5V to 5.5V input
voltage range and delivers up to 300mA, with low
dropout of 380mV at 300mA. Other features of the
PL0300/P include short-circuit protection and
thermal-shutdown protection.
The PL0300/P is designed especially for battery-
powered portable devices. Its reference bypass pin
improves low noise performance which makes it
ideal
for
noise-sensitive
RF
and
personal
communication applications. Other key application
areas
for
the
PL0300/P
include
handheld
computers, PCMCIA cards and WLAN cards.
The PL0300/P is available in small 5-lead SOT-25
package.
TYPICAL APPLICATION CIRCUIT
Low Noise, Fixed Output Voltage
300mA LDO Regulator
PL0300
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
1


Similar Part No. - PL0300

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
PL030-6-30 VIMARLOW-PL030-6-30 Datasheet
153Kb / 2P
Single-Stage Thermoelectric Cooler
PL030-6-30-01 VIMARLOW-PL030-6-30-01 Datasheet
153Kb / 2P
Single-Stage Thermoelectric Cooler
PL030-6-30-01L VIMARLOW-PL030-6-30-01L Datasheet
153Kb / 2P
Single-Stage Thermoelectric Cooler
PL030-6-30-01LS VIMARLOW-PL030-6-30-01LS Datasheet
153Kb / 2P
Single-Stage Thermoelectric Cooler
PL030-6-30 VIMARLOW-PL030-6-30_18 Datasheet
430Kb / 2P
Single?륲tage Thermoelectric Module
More results

Similar Description - PL0300

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
300mA Low Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP102K121B RICOH-RP102K121B_17 Datasheet
376Kb / 30P
LOW NOISE 300mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
LOW NOISE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com