Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF640 Datasheet(PDF) 1 Page - STMicroelectronics

Part # IRF640
Description  N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF640 Datasheet(HTML) 1 Page - STMicroelectronics

  IRF640 Datasheet HTML 1Page - STMicroelectronics IRF640 Datasheet HTML 2Page - STMicroelectronics IRF640 Datasheet HTML 3Page - STMicroelectronics IRF640 Datasheet HTML 4Page - STMicroelectronics IRF640 Datasheet HTML 5Page - STMicroelectronics IRF640 Datasheet HTML 6Page - STMicroelectronics IRF640 Datasheet HTML 7Page - STMicroelectronics IRF640 Datasheet HTML 8Page - STMicroelectronics IRF640 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRF640
IRF640FP
N - CHANNEL 200V - 0.150
Ω - 18A TO-220/TO-220FP
MESH OVERLAY
™ MOSFET
s
TYPICAL RDS(on) = 0.150
Ω
s
EXTREMELY HIGH dV/dt CAPABILITY
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
This power MOSFET is designed using he
company’s consolidated strip layout-based MESH
OVERLAY
™ process. This technology matches
and improves the performances compared with
standard parts from various sources.
APPLICATIONS
s
HIGH CURRENT SWITCHING
s
UNINTERRUPTIBLE POWER SUPPLY (UPS)
s
DC/DC COVERTERS FOR TELECOM,
INDUSTRIAL, AND LIGHTING EQUIPMENT.
®
INTERNAL SCHEMATIC DIAGRAM
October 1999
TO-220
TO-220FP
1
2
3
1
2
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
IRF640
I RF 640F P
VDS
Drain-source Voltage (VGS =0)
200
V
VDGR
Drain- gat e Voltage (RGS =20 k
Ω)
200
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC
18
18(**)
A
ID
Drain Current (continuous) at Tc =100
oC
11
11(**)
A
IDM (
•)
Drain Current (pulsed)
72
72
A
Ptot
T otal Dissipation at Tc =25
oC
125
40
W
Derating Factor
1.0
0.32
W /
o C
dv/dt (1)
Peak Diode Recovery volt age slope
5
5
V/ns
VISO
Insulation Withstand Voltage (DC)
2000
V
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 18A, di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
First Digit of the Datecode Being Z or K Identifies Silicon Characterized in this Datasheet
(**) Limited only by Maximum Temperature Allowed
TYPE
VDSS
RDS(on)
ID
IRF640
IRF640FP
200 V
200 V
<0. 18
Ω
<0. 18
Ω
18 A
18 A
1/9


Similar Part No. - IRF640

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF640 PHILIPS-IRF640 Datasheet
95Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
Fairchild Semiconductor
IRF640 FAIRCHILD-IRF640 Datasheet
140Kb / 5P
N-Channel Power MOSFETs, 18A, 150-200V
IRF640 FAIRCHILD-IRF640 Datasheet
132Kb / 7P
18A, 200V, 0.180 Ohm, N-Channel Power MOSFETs
IRF640 FAIRCHILD-IRF640 Datasheet
916Kb / 10P
200V N-Channel MOSFET
logo
International Rectifier
IRF640 IRF-IRF640 Datasheet
178Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
More results

Similar Description - IRF640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF630 STMICROELECTRONICS-IRF630 Datasheet
104Kb / 9P
N - CHANNEL 200V - 0.35ihm - 9A - TO-220/FP MESH OVERLAY] MOSFET
Feb-1999
IRF634 STMICROELECTRONICS-IRF634 Datasheet
333Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Jul-2001
IRF640S STMICROELECTRONICS-IRF640S Datasheet
84Kb / 8P
N - CHANNEL 200V - 0.150ohm - 18A TO-263 MESH OVERLAY] MOSFET
Sep-1999
STP16NS25 STMICROELECTRONICS-STP16NS25 Datasheet
330Kb / 9P
N-CHANNEL 250V - 0.23ohm - 16A TO-220 / TO-220FP MESH OVERLAY™ MOSFET
May-2002
STP8NS25 STMICROELECTRONICS-STP8NS25 Datasheet
329Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Apr-2001
IRF630M STMICROELECTRONICS-IRF630M Datasheet
343Kb / 9P
N-CHANNEL 200V - 0.35W - 9A TO-220/TO-220FP MESH OVERLAY MOSFET
Oct-2001
STB19NF20 STMICROELECTRONICS-STB19NF20 Datasheet
535Kb / 16P
N-channel 200V - 0.15廓 - 15A - TO-220 - D2PAK - TO-220FP MESH OVERLAY??Power MOSFET
16-Feb-2007
IRF630 STMICROELECTRONICS-IRF630_06 Datasheet
336Kb / 14P
N-channel 200V - 0.35Ω - 9A TO-220/TO-220FP Mesh overlay??II Power MOSFET
03-Aug-2006
IRF630M STMICROELECTRONICS-IRF630M_06 Datasheet
326Kb / 14P
N-channel 200V - 0.35Ω - 9A - TO-220 /TO-220FP Mesh Overlay??Power MOSFET
28-Jun-2006
IRF-634 STMICROELECTRONICS-IRF-634 Datasheet
326Kb / 14P
N-channel 250V - 0.38Ω - 8A TO-220 /TO-220FP Mesh Overlay™ Power MOSFET
28-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com