Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT3704YH Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT3704YH
Description  12V Linear-Mode Battery Charger for Li/Li-polymer Cells
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3704YH Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT3704YH Datasheet HTML 7Page - Active-Semi, Inc ACT3704YH Datasheet HTML 8Page - Active-Semi, Inc ACT3704YH Datasheet HTML 9Page - Active-Semi, Inc ACT3704YH Datasheet HTML 10Page - Active-Semi, Inc ACT3704YH Datasheet HTML 11Page - Active-Semi, Inc ACT3704YH Datasheet HTML 12Page - Active-Semi, Inc ACT3704YH Datasheet HTML 13Page - Active-Semi, Inc ACT3704YH Datasheet HTML 14Page - Active-Semi, Inc ACT3704YH Datasheet HTML 15Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ACT3704
Rev2, 26-Jul-07
Innovative Products. Active Solutions.
- 13 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
APPLICATION INFORMATION
Figure 2:
Application Circuit for 4.1V Battery, 470mA Charge
Figure 3:
Application Circuit for 4.2V Battery, 800mA Charge
CIN
10µF
RISET
56k
nEOC
ADJ
IN
ISET
nSTAT
BAT
TIMER
G
VIN
CTIMER = 10nF
CBAT
1µF
Li+ or
Li-POLYMER
BATTERY
ACT3704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com