Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4088 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT4088
Description  28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4088 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT4088 Datasheet HTML 1Page - Active-Semi, Inc ACT4088 Datasheet HTML 2Page - Active-Semi, Inc ACT4088 Datasheet HTML 3Page - Active-Semi, Inc ACT4088 Datasheet HTML 4Page - Active-Semi, Inc ACT4088 Datasheet HTML 5Page - Active-Semi, Inc ACT4088 Datasheet HTML 6Page - Active-Semi, Inc ACT4088 Datasheet HTML 7Page - Active-Semi, Inc ACT4088 Datasheet HTML 8Page - Active-Semi, Inc ACT4088 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ACT4088
Rev PrA, 24-Jul-07
Innovative Products. Active Solutions.
- 5 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(Circuit of Figure 2, VIN = 12V, L = 4.7µH, C1 = 10µF, C2 = 22µF, TA = +25°C, unless otherwise specified.)
CH1
CH2
Load Transient Response
CH1
CH2
Start-up Waveforms
CH1
CH2
Start-up Waveforms
CH1: VOUT, 50mV/div, (AC COUPLED)
CH2: VSW, 10V/div
CH3: IL, 500mA/div
TIME: 400ns/div
CH1
CH2
CH3
Steady State Switching Waveforms
CH1: VOUT, 100mV/div, (AC COUPLED)
CH2: IL, 1A/div
TIME: 1ms/div
CH1
CH2
Hiccup Mode Switching Waveforms
CH1
CH2
Load Transient Response
ILOAD = 200mA to 800mA
CH1: VOUT, 2V/div
CH2: VSW, 10V/div
CH3: IL, 1A/div
TIME: 200µs/div
CH1: VEN, 2V/div
CH2: VOUT, 2V/div
CH3: VSW, 10V/div
CH4: IL, 1A/div
TIME: 400µs/div
CH1: VOUT, 50mV/div
CH2: ILOAD, 500mA/div
TIME: 100µs/div
CH1: VOUT, 50mV/div
CH2: ILOAD, 500mA/div
TIME: 100µs/div
ILOAD = 200mA to 1.5A
ILOAD = 0mA
CH3
ILOAD = 1A
CH3
CH4
ILOAD = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com