Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8332 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8332
Description  Three-Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8332 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8332 Datasheet HTML 1Page - Active-Semi, Inc ACT8332 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Products. Active Solutions.
- 1 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
ACT8332
Three-Channel Integrated Power Management IC for
Handheld Portable Equipment
SYSTEM BLOCK DIAGRAM
FEATURES
• Multiple Patents Pending
• Three Integrated Regulators
− 350mA PWM Step-Down DC/DC
− 360mA Low Noise LDO
− 360mA Low Noise LDO
• Independent Enable/Disable Control
• Minimal External Components
• 3x3mm, Thin-DFN (TDFN33-10) Package
− Only 0.75mm Height
− RoHS Compliant
APPLICATIONS
• Portable Devices and PDAs
• MP3/MP4 Players
• Wireless Handhelds
• GPS Receivers
GENERAL DESCRIPTION
The patent-pending ACT8332 is a complete, cost-
efficient ActivePMU
TM power management solution
that is ideal for a wide range of portable handheld
equipment. This device integrates a PWM step-
down DC/DC converter and two low-noise, low-
dropout linear regulators (LDOs) into a single, thin,
space-saving package. This device is ideal for a
wide range of portable handheld equipment that
can benefit from the advantages of ActivePMU
TM
technology but does not require a high level of inte-
gration.
REG1 is a fixed-frequency, current-mode PWM
step-down DC/DC converter that is optimized for
high efficiency and is capable of supplying up to
350mA. REG1’s output is available in a variety of
factory-preset output voltage, and an adjustable
output voltage mode is also available. REG2 and
REG3 are low noise LDOs that are available in a
variety of fixed output voltage options and are each
capable of supplying up to 360mA.
The ACT8332 is available in a tiny 3mm x 3mm
10-pin Thin-DFN package that is just 0.75mm thin.
Product Brief, 18-Dec-07
Advanced Information–All Information Subject to Change


Similar Part No. - ACT8332

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8332 ACTIVE-SEMI-ACT8332 Datasheet
344Kb / 13P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 14-Mar-08
ACT8332 ACTIVE-SEMI-ACT8332 Datasheet
296Kb / 13P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 24-May-10
ACT8332NDAQB-T ACTIVE-SEMI-ACT8332NDAQB-T Datasheet
344Kb / 13P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 14-Mar-08
ACT8332NDAQB-T ACTIVE-SEMI-ACT8332NDAQB-T Datasheet
296Kb / 13P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 24-May-10
ACT8332NDAQB-T ACTIVE-SEMI-ACT8332NDAQB-T Datasheet
666Kb / 13P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 6, 09-Jun-10
More results

Similar Description - ACT8332

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8342 ACTIVE-SEMI-ACT8342 Datasheet
114Kb / 2P
Three-Channel Integrated Power Management IC for Handheld Portable Equipment
29-Feb-08
ACT8352 ACTIVE-SEMI-ACT8352 Datasheet
166Kb / 2P
Four-Channel Integrated Power Management IC for Handheld Portable Equipment
05-May-09
ACT8332 ACTIVE-SEMI-ACT8332_08 Datasheet
344Kb / 13P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 14-Mar-08
ACT8342 ACTIVE-SEMI-ACT8342_08 Datasheet
455Kb / 17P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 26-May-08
ACT8712 ACTIVE-SEMI-ACT8712_08 Datasheet
655Kb / 36P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 25-Feb-08
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
ACT8332 ACTIVE-SEMI-ACT8332_10 Datasheet
296Kb / 13P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 24-May-10
ACT8342 ACTIVE-SEMI-ACT8342_09 Datasheet
598Kb / 17P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 3, 11-Sep-09
ACT8828 ACTIVE-SEMI-ACT8828_10 Datasheet
666Kb / 13P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 6, 09-Jun-10
logo
Shenzhen Huazhimei Semi...
HM8332 HMSEMI-HM8332 Datasheet
209Kb / 8P
Three Channels Integrated Power Management IC for Handheld Portable Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com