Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8700 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT8700
Description  Four Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8700 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT8700 Datasheet HTML 1Page - Active-Semi, Inc ACT8700 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT8700
Innovative Products. Active Solutions.
- 2 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
Product Brief, 10-Aug-07
PRODUCT OPTIONS
FUNCTIONAL BLOCK DIAGRAM
Block
Function
Output Voltage
Capability
CHGR
Battery Charger
4.20V (4.10V to 4.30V available)
100mA/500mA
REG1
Step-Down DC/DC
1.2V, 1.5V, 1.8V, 2.5V, 3.0V, or 3.3V
350mA
REG2
Step-Down DC/DC
500mA
REG3
Step-Up DC/DC
Up to 27.5V
Up to 7 WLEDs
: Output voltage options detailed in this table represent standard voltage options, and are available for samples or production orders.
Contact Active-Semi for more information regarding semi-custom output voltage combinations.
: Contact factory for additional available products or custom requirements.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com