Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF740 Datasheet(PDF) 1 Page - STMicroelectronics

Part # IRF740
Description  N - CHANNEL 400V - 0.48 ohm - 10 A - TO-220 PowerMESH] MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF740 Datasheet(HTML) 1 Page - STMicroelectronics

  IRF740 Datasheet HTML 1Page - STMicroelectronics IRF740 Datasheet HTML 2Page - STMicroelectronics IRF740 Datasheet HTML 3Page - STMicroelectronics IRF740 Datasheet HTML 4Page - STMicroelectronics IRF740 Datasheet HTML 5Page - STMicroelectronics IRF740 Datasheet HTML 6Page - STMicroelectronics IRF740 Datasheet HTML 7Page - STMicroelectronics IRF740 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF740
N - CHANNEL 400V - 0.48
Ω - 10 A - TO-220
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.48
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
This power MOSFET is designed using the
company’s consolidated strip layout-based MESH
OVERLAY
™ process. This technology matches
and improves the performances compared with
standard parts from various sources.
APPLICATIONS
s
HIGH CURRENT SWITCHING
s
UNINTERRUPTIBLE POWER SUPPLY (UPS)
s
DC/DC COVERTERS FOR TELECOM,
INDUSTRIAL, AND LIGHTING EQUIPMENT.
®
INTERNAL SCHEMATIC DIAGRAM
October 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
400
V
VDGR
Drain- gate Volt age (RGS =20 k
Ω)
400
V
VGS
G ate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
oC10
A
ID
Drain Current (continuous) at Tc =100
oC6.3
A
IDM (
•)
Drain Current (pulsed)
40
A
Ptot
T otal Dissipation at Tc =25
oC125
W
Derating Factor
1.0
W /
o C
dv/dt (1)
Peak Diode Recovery volt age slope
4.0
V/ns
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤10 A, di/dt ≤120 Α/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
First Digit of the Datecode Being Z or K Identifies Silicon Characterized in this Datasheet
TYPE
VDSS
RDS(on)
ID
IRF740
400 V
< 0. 55
Ω
10 A
1
2
3
TO-220
1/8


Similar Part No. - IRF740

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF740 FAIRCHILD-IRF740 Datasheet
154Kb / 5P
N-Channel Power MOSFETs, 10A, 350V/400V
IRF740 FAIRCHILD-IRF740 Datasheet
894Kb / 10P
400V N-Channel MOSFET
logo
Intersil Corporation
IRF740 INTERSIL-IRF740 Datasheet
56Kb / 7P
10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
July 1999
logo
Vishay Siliconix
IRF740 VISHAY-IRF740 Datasheet
135Kb / 8P
Power MOSFET
16-Jun-08
logo
Suntac Electronic Corp.
IRF740 SUNTAC-IRF740 Datasheet
100Kb / 3P
POWER MOSFET
More results

Similar Description - IRF740

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF730 STMICROELECTRONICS-IRF730 Datasheet
94Kb / 8P
N - CHANNEL 400V - 0.75 ohm - 5.5A - TO-220 PowerMESH] MOSFET
Aug-1998
IRF740S STMICROELECTRONICS-IRF740S Datasheet
93Kb / 8P
N - CHANNEL 400V - 0.48 ohm - 10 A - D2PAK PowerMESH] MOSFET
Aug-1998
IRFBC30 STMICROELECTRONICS-IRFBC30 Datasheet
85Kb / 8P
N - CHANNEL 600V - 1.8 ohm - 3.6A - TO-220 PowerMESH]II MOSFET
Jan-2000
STP11NB40 STMICROELECTRONICS-STP11NB40 Datasheet
115Kb / 9P
N - CHANNEL 400V - 0.48ohm - 10.7A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1998
STP11NC40 STMICROELECTRONICS-STP11NC40 Datasheet
388Kb / 10P
N-CHANNEL 400V - 0.44ohm - 9.5A TO-220/TO-220FP PowerMESH™ I Power MOSFET
Jan-2002
STP3NB100 STMICROELECTRONICS-STP3NB100 Datasheet
44Kb / 6P
N - CHANNEL 1000V - 5.3 ohm - 3 A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1998
STP3NB90 STMICROELECTRONICS-STP3NB90 Datasheet
85Kb / 6P
N - CHANNEL 900V - 4 ohm - 3.5 A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1998
STP5NB90 STMICROELECTRONICS-STP5NB90 Datasheet
44Kb / 6P
N - CHANNEL 900V - 2.3 ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1998
STP7NC40 STMICROELECTRONICS-STP7NC40 Datasheet
244Kb / 8P
N-CHANNEL 400V - 0.75ohm - 6A TO-220 PowerMESH™ I MOSFET
Mar-2001
STP9NB50 STMICROELECTRONICS-STP9NB50 Datasheet
108Kb / 9P
N-CHANNEL 500V - 0.75 ohm - 8.6 A TO-220/TO-220FP PowerMesh MOSFET
May-2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com