Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF740S Datasheet(PDF) 1 Page - STMicroelectronics

Part # IRF740S
Description  N - CHANNEL 400V - 0.48 ohm - 10 A - D2PAK PowerMESH] MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF740S Datasheet(HTML) 1 Page - STMicroelectronics

  IRF740S Datasheet HTML 1Page - STMicroelectronics IRF740S Datasheet HTML 2Page - STMicroelectronics IRF740S Datasheet HTML 3Page - STMicroelectronics IRF740S Datasheet HTML 4Page - STMicroelectronics IRF740S Datasheet HTML 5Page - STMicroelectronics IRF740S Datasheet HTML 6Page - STMicroelectronics IRF740S Datasheet HTML 7Page - STMicroelectronics IRF740S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF740S
N - CHANNEL 400V - 0.48
Ω -10A- D2PAK
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.48
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
s
FOR THROUGH-HOLE VERSION CONTACT
SALES OFFICE
DESCRIPTION
This power MOSFET is designed using the
company’s consolidated strip layout-based MESH
OVERLAY
™ process. This technology matches
and improves the performances compared with
standard parts from various sources.
APPLICATIONS
s
HIGH CURRENT SWITCHING
s
UNINTERRUPTIBLE POWER SUPPLY (UPS)
s
DC/DC COVERTERS FOR TELECOM,
INDUSTRIAL, AND LIGHTING EQUIPMENT.
®
INTERNAL SCHEMATIC DIAGRAM
August 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
VDS
Drain-source Volt age (VGS =0)
400
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
400
V
VGS
Gat e-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
o C10
A
ID
Drain Current (continuous) at Tc =100
oC6.3
A
IDM(
•)
Drain Current (pulsed)
40
A
Ptot
Tot al Dissipation at Tc =25
oC125
W
Derating F act or
1.0
W/
oC
dv/dt(1)
Peak Diode Recovery voltage slope
4.0
V/ ns
Tstg
Storage T emperat ure
-65 to 150
oC
Tj
Max. O perating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
(1)ISD
≤10 A, di/dt ≤120 Α/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
I RF740S
400 V
< 0.55
Ω
10 A
1
3
D
2PAK
TO-263
(Suffix ”T4”)
1/8


Similar Part No. - IRF740S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF740S VISHAY-IRF740S Datasheet
174Kb / 9P
Power MOSFET
30-May-11
IRF740S VISHAY-IRF740S Datasheet
199Kb / 9P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRF740SPBF IRF-IRF740SPBF Datasheet
943Kb / 8P
HEXFET POWER MOSFET ( VDSS=400V , RDS(on)=0.55廓 , ID=10A )
logo
Vishay Siliconix
IRF740SPBF VISHAY-IRF740SPBF Datasheet
199Kb / 9P
Power MOSFET
30-Aug-2021
IRF740SPBF. VISHAY-IRF740SPBF. Datasheet
174Kb / 9P
Power MOSFET
30-May-11
More results

Similar Description - IRF740S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF730 STMICROELECTRONICS-IRF730 Datasheet
94Kb / 8P
N - CHANNEL 400V - 0.75 ohm - 5.5A - TO-220 PowerMESH] MOSFET
Aug-1998
IRF740 STMICROELECTRONICS-IRF740 Datasheet
93Kb / 8P
N - CHANNEL 400V - 0.48 ohm - 10 A - TO-220 PowerMESH] MOSFET
Oct-1998
STB10NB20 STMICROELECTRONICS-STB10NB20 Datasheet
81Kb / 8P
N - CHANNEL 200V - 0.30ohm - 10A - D2PAK PowerMESH] MOSFET
Nov-1998
STB10NB50 STMICROELECTRONICS-STB10NB50 Datasheet
85Kb / 8P
N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
Mar-1999
STB10NC50-1 STMICROELECTRONICS-STB10NC50-1 Datasheet
55Kb / 7P
N - CHANNEL 500V - 0.48ohm - 10A - I2PAK/D2PAK PowerMESH] MOSFET
Dec-1999
STB4NC50 STMICROELECTRONICS-STB4NC50 Datasheet
244Kb / 8P
N-CHANNEL 500V - 2.2Ω - 4A D2PAK PowerMesh™ II MOSFET
Jul-2000
STB5NB80 STMICROELECTRONICS-STB5NB80 Datasheet
87Kb / 8P
N - CHANNEL 800V - 1.8ohm - 5A -D2PAK PowerMESH] MOSFET
Mar-1999
STB8NC50 STMICROELECTRONICS-STB8NC50 Datasheet
441Kb / 9P
N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh™ I MOSFET
Nov-2001
logo
MagnaChip Semiconductor...
MDIS5N40 MGCHIP-MDIS5N40 Datasheet
1Mb / 6P
N-Channel MOSFET 400V, 3.4 A, 1.6(ohm)
MDX5N40 MGCHIP-MDX5N40 Datasheet
871Kb / 7P
N-Channel MOSFET 400V, 3.4 A, 1.6(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com