Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US2884 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # US2884
Description  Bipolar Hall Switch - Very High Sensitivity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US2884 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button US2884 Datasheet HTML 2Page - Melexis Microelectronic Systems US2884 Datasheet HTML 3Page - Melexis Microelectronic Systems US2884 Datasheet HTML 4Page - Melexis Microelectronic Systems US2884 Datasheet HTML 5Page - Melexis Microelectronic Systems US2884 Datasheet HTML 6Page - Melexis Microelectronic Systems US2884 Datasheet HTML 7Page - Melexis Microelectronic Systems US2884 Datasheet HTML 8Page - Melexis Microelectronic Systems US2884 Datasheet HTML 9Page - Melexis Microelectronic Systems US2884 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
US2884
Bipolar Hall Switch – Very High Sensitivity
3901002884
Page 6 of 11
Data Sheet
Rev 004
Jan/06
11 Performance Graphs
11.1 Magnetic parameters vs. TA
-6
-3
0
3
6
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150
Ta (°C)
Bop, VDD=4V
Bop, VDD=24V
Brp, VDD=4V
Brp, VDD=24V
Bhyst, VDD=4V
Bhyst, VDD=24V
11.2 Magnetic parameters vs. VDD
-6
-3
0
3
6
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VDD (Volts)
Bop, Ta=25°C
Bop, Ta=150°C
Brp, Ta=25°C
Brp, Ta=150°C
Bhyst, Ta=25°C
Bhyst, Ta=150°C
11.3 VDSon vs. TA
0
0.2
0.4
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150
Ta (°C)
VDD = 3.5V
VDD = 12V
VDD = 24V
11.4 VDSon vs. VDD
0
0.1
0.2
0.3
0.4
0.5
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VDD (Volts)
Ta = -40°C
Ta = 25°C
Ta = 85°C
Ta = 150°C
11.5 IDD vs. TA
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150
Ta (°C)
VDD = 3.5V
VDD = 12V
VDD = 24V
11.6 IDD vs. VDD
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VDD (Volts)
Ta = -40°C
Ta = 25°C
Ta = 85°C
Ta = 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com