Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US4881LSO Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # US4881LSO
Description  Bipolar Hall Switch Low Voltage & Very High Sensitivity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US4881LSO Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button US4881LSO Datasheet HTML 3Page - Melexis Microelectronic Systems US4881LSO Datasheet HTML 4Page - Melexis Microelectronic Systems US4881LSO Datasheet HTML 5Page - Melexis Microelectronic Systems US4881LSO Datasheet HTML 6Page - Melexis Microelectronic Systems US4881LSO Datasheet HTML 7Page - Melexis Microelectronic Systems US4881LSO Datasheet HTML 8Page - Melexis Microelectronic Systems US4881LSO Datasheet HTML 9Page - Melexis Microelectronic Systems US4881LSO Datasheet HTML 10Page - Melexis Microelectronic Systems US4881LSO Datasheet HTML 11Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
US4881
Bipolar Hall Switch
Low Voltage & Very High Sensitivity
3901004881
Page 7 of 11
Data Sheet
Rev 011
Feb/06
12 Application Information
13 Application Comments
For proper operation, a 100nF bypass capacitor should be placed as close as possible to the device between
the VDD and ground pin.
For reverse voltage protection, it is recommended to connect a resistor or a diode in series with the VDD pin.
When using a resistor, three points are important:
- the resistor has to limit the reverse current to 50mA maximum (VCC / R1 ≤ 50mA)
- the resulting device supply voltage VDD has to be higher than VDD min (VDD = VCC – R1.IDD)
- the resistor has to withstand the power dissipated in reverse voltage condition (PD = VCC
2 / R1)
When using a diode, a reverse current cannot flow and the voltage drop is almost constant (≈0.7V).
Therefore, a 100Ω/0.25W resistor for 5V application and a diode for higher supply voltage are recommended.
Both solutions provide the required reverse voltage protection.
When a weak power supply is used or when the device is intended to be used in noisy environment, it is
recommended that figure 13.3 from the Application Information section is used.
The low-pass filter formed by R1 and C1 and the zener diode Z1 bypass the disturbances or voltage spikes
occurring on the device supply voltage VDD. The diode D1 provides additional reverse voltage protection.
12.1 Typical Three-Wire Application Circuit
12.3 Automotive and Harsh, Noisy Environments
Three-Wire Circuit
12.2 Two-Wire Circuit
Note:
With this circuit, precise ON and OFF
currents can be detected using only two
connecting wires.
The resistors RL and Rb can be used to
bias the input current. Refer to the part
specifications for limiting values.
BRP :
IOFF = IR + IDD = VDD/Rb + IDD
BOP :
ION = IOFF + IOUT = IOFF + VDD/RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com