Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS716 Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # BAS716
Description  SOD-523 Plastic-Encapsulate Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

BAS716 Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  BAS716 Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. BAS716 Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. BAS716 Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
62'
BAS
16 FAST SWITCHING DIODE
FEATURES
z
Small Package
z
Low Reverse Current
z
Fast Switching Speed
MAXIMUM RATINGS ( Ta=25
unless otherwise noted )
Symbol
Paramete
Value
VRM
Non-Repetitive Peak Reverse Voltage
100
V
VRRM
Peak Repetitive Reverse Voltage
VRWM
Working Peak Reverse Voltage
Forward voltage
VF
IF=150mA
1.25
V
Total capacitance
Ctot
VR=0V,f=1MHz

pF
Reverse recovery time
trr
IF= IR =10mA, Irr=0.1*IR, RL=100Ω

s
Unit
Non-Rpetitive
z
Surfce Mount Package Ideally Suited for Automatic Insetion
1
1
SOD-523 Plastic-Encapsulate Diodes
1
3
75
V
VR(RMS)
RMS Reverse Voltage
53
V
IO
Average Rectified Output Current
2
mA
Peak Forward Surge Current @t=PV
A
IFSM
PD
Power Dissipation
mW
R JA
Thermal Resistance from Junction to Ambient
/W
Operation Junction and Storage Temperature Range
TJ,Tstg


-55~+150
ELECTRICAL CHARACTERISTICS(Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=100A
75
V
VR=5V

nA
Reverse current
IR
VR=V

QA
IF=1mA
0.
V
IF=10mA
V
IF=50mA
V
1


Similar Part No. - BAS716

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS716 PHILIPS-BAS716 Datasheet
61Kb / 8P
Low-leakage diode
2003 Nov 07
BAS716 NXP-BAS716 Datasheet
76Kb / 9P
Low-leakage diode
2003 Nov 07
logo
Micro Commercial Compon...
BAS716 MCC-BAS716 Datasheet
328Kb / 3P
225mW 75Volt Switching Diode
logo
SHIKUES Electronics
BAS716 SKTECHNOLGY-BAS716 Datasheet
410Kb / 2P
High speed Switching Diode
logo
Nexperia B.V. All right...
BAS716 NEXPERIA-BAS716 Datasheet
186Kb / 9P
Low-leakage diode
2 October 2020
More results

Similar Description - BAS716

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BAS16X WILLAS-BAS16X Datasheet
402Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
SCS520S WILLAS-SCS520S Datasheet
482Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
SCS520S-40 WILLAS-SCS520S-40 Datasheet
418Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
logo
Nanjing International G...
RB520S-40 DGNJDZ-RB520S-40 Datasheet
549Kb / 2P
SOD-523 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
RB521S-30 HDSEMI-RB521S-30 Datasheet
1Mb / 4P
SOD-523 Plastic-Encapsulate Diodes
logo
SHIKUES Electronics
RB520S-40 SKTECHNOLGY-RB520S-40 Datasheet
680Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
logo
Nanjing International G...
1SS389 DGNJDZ-1SS389 Datasheet
1Mb / 4P
SOD-523 Plastic-Encapsulate Diodes
1SS400 DGNJDZ-1SS400_V01 Datasheet
1Mb / 4P
SOD-523 Plastic-Encapsulate Diodes
RB751S-40 DGNJDZ-RB751S-40_V01 Datasheet
810Kb / 4P
SOD-523 Plastic-Encapsulate Diodes
logo
UN Semiconducctor INC
RB520S-30 UNSEMI-RB520S-30 Datasheet
2Mb / 4P
SOD-523 Plastic-Encapsulate Diodes
Revision March 1,2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com