Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18FAM10 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # SMB18FAM10
Description  WORLD-BEAM® QS18LD Laser Diffuse Series Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18FAM10 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  SMB18FAM10 Datasheet HTML 1Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 2Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 3Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 4Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 5Page - Banner Engineering Corp. SMB18FAM10 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Locknut (included with all models)
8.0 mm
(0.32")
24.2 mm
(0.95")
Washer (included with all models)
1.6 mm
(0.06")
Ø 17.8 mm
(0.70")
Ø 23.9 mm
(0.94")
M3 Hardware Packet Contents:
•
2 – M3 x 0.5 x 20 mm SS
Screw
•
2 – M3 x 0.5 SS Hex Nut
•
2 – M3 SS Washer
Performance Curves
Performance is based on a 90% reflectance white test card.
Excess Gain
Beam Pattern
1
10
100
10 mm
(0.4")
100 mm
(4.0")
1000 mm
(40.0")
1 mm
(0.04")
1000
DISTANCE
QS18..LD
300 mm
(11.8")
240 mm
(9.45")
180 mm
(7.09")
120 mm
(4.72")
60 mm
(2.36")
0
0
1 mm
2 mm
3 mm
1 mm
2 mm
3 mm
0
0.04"
0.08"
0.12"
0.04"
0.08"
0.12"
DISTANCE
QS18..LD
Description of Laser Classes
Class 1 Lasers
Class 1 lasers are lasers that are safe under reasonably foreseeable conditions of operation, including the use of optical
instruments for intrabeam viewing.
Reference IEC 60825-1:2001, Section 8.2.
Class 1 Laser Characteristics: See Specifications.
CAUTION: Do Not Disassemble for Repair
This device contains no user-serviceable components. Do not
attempt to disassemble for repair. Use of controls or
adjustments or performance of procedures other than those
specified herein may result in hazardous radiation exposure. A
defective unit must be returned to the manufacturer.
For Safe Laser Use (Class 1 or Class 2):
•
Do not stare at the laser.
•
Do not point the laser at a person’s eye.
•
Mount open laser beam paths either above or below eye level, where practical.
•
Terminate the beam emitted by the laser product at the end of its useful path.
WORLD-BEAM® QS18LD Laser Diffuse Series Sensors
P/N 118899 Rev. F
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com