Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBQS18A Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # SMBQS18A
Description  WORLD-BEAM® QS18LD Laser Diffuse Series Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMBQS18A Datasheet(HTML) 2 Page - Banner Engineering Corp.

  SMBQS18A Datasheet HTML 1Page - Banner Engineering Corp. SMBQS18A Datasheet HTML 2Page - Banner Engineering Corp. SMBQS18A Datasheet HTML 3Page - Banner Engineering Corp. SMBQS18A Datasheet HTML 4Page - Banner Engineering Corp. SMBQS18A Datasheet HTML 5Page - Banner Engineering Corp. SMBQS18A Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications
Supply Voltage
10 to 30 V dc (10% maximum ripple) at less than 15 mA, exclusive of
load
Sensing Beam
Visible red LED, 650 nm
Laser Characteristics
Wavelength: 650 nm visible red Class 1 laser
Pulse Width: 7 microseconds
Rep Rate: 130 microseconds
Average Output Power: 0.065 mW
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Solid-state complementary (SPDT): NPN or PNP (current sinking or
sourcing), depending on model;
Rating: 100 mA maximum each output at 25 °C
Off-state leakage current:
NPN: less than 200 µA at 30 V dc (See Application Note 1)
PNP: less than 10 µA at 30 V dc
ON-state saturation voltage:
NPN: less than 1.6 V at 100 mA
PNP: less than 3.0 V at 100 mA
Output Protection Circuitry
Protected against false pulse on power-up and continuous overload or
short circuit of outputs
Output Response
700 microseconds ON/OFF
Note: 200 millisecond delay on power-up; outputs do not conduct
during this time
Repeatability
130 microseconds
Sensing Hysteresis
15% of range typical
Adjustments
Single-turn sensitivity (Gain) adjustment potentiometer
Indicators
2 LED indicators on sensor top:
Green solid: Power on
Amber solid: Light sensed
Amber flashing: Marginal excess gain (1 to 1.5x excess gain)
Construction
ABS housing, acrylic lens cover, 3 mm mounting hardware included
Connections
2 m (6.5 ft) 4-wire PVC cable, 9 m (30 ft) 4-wire PVC cable, 4-pin Pico-
style or Euro-style QD, 4-pin Pico-style or Euro-style 150 mm (6 in)
pigtail QD, depending on model
Laser Classification
Class 1 laser product; Complies with IEC 60825-1:2001 and 21 CFR
1040.10, except for deviations pursuant to Laser Notice 50, dated
7-26-01
Environmental Ratings
IEC IP67; NEMA 6; UL Type 1
Operating Conditions
−10 °C to +50 °C (+14 °F to +122 °F)
95% at +50 °C maximum relative humidity (non-condensing)
Application Notes
NPN off-state leakage current is < 200 µA for load resistances > 3 kΩ
or optically isolated loads. For load current of 100 mA, leakage is < 1%
of load current.
Certifications
Required Overcurrent Protection
WARNING: Electrical connections must be
made by qualified personnel in accordance
with local and national electrical codes and
regulations.
Overcurrent protection is required to be provided by end product
application per the supplied table.
Overcurrent protection may be provided with external fusing or via
Current Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Dimensions
All measurements are listed in millimeters [inches], unless noted otherwise.
Cabled Models
15.0 mm
(0.59")
33.5 mm
(1.32")
3 mm
(0.12")
17.1 mm
(0.67")
24.1 mm
(0.95")
35.0 mm
(1.38")
M18 x 1 Thread
Max. Torque 2.3 Nm (20 in-lbs)
ø 3.3 mm (0.13")
Max. Torque 0.6 Nm (5 in-lbs)
Pico-Style QD Models
150 mm (6")
Pico-style
Pigtail
41.5 mm
(1.63")
Integral
4-pin
Pico-Style QD
Euro-Style QD Models
150 mm (6")
Euro-style
Pigtail
49 mm
(1.93")
Integral
4-pin
Euro-Style QD
WORLD-BEAM® QS18LD Laser Diffuse Series Sensors
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 118899 Rev. F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com