Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB72005 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # EVB72005
Description  315MHz FSK/ASK Transmitter Evaluation Board Description
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB72005 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button EVB72005 Datasheet HTML 6Page - Melexis Microelectronic Systems EVB72005 Datasheet HTML 7Page - Melexis Microelectronic Systems EVB72005 Datasheet HTML 8Page - Melexis Microelectronic Systems EVB72005 Datasheet HTML 9Page - Melexis Microelectronic Systems EVB72005 Datasheet HTML 10Page - Melexis Microelectronic Systems EVB72005 Datasheet HTML 11Page - Melexis Microelectronic Systems EVB72005 Datasheet HTML 12Page - Melexis Microelectronic Systems EVB72005 Datasheet HTML 13Page - Melexis Microelectronic Systems EVB72005 Datasheet HTML 14Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
EVB72005
315MHz FSK/ASK Transmitter
Evaluation Board Description
39012 72005 01
Page 13 of 14
EVB Description
Rev. 007
June/07
7
Package Description
The device TH72005 is RoHS compliant.
Fig. 10: 10L QFN 3x3 Dual
all Dimensions in mm
D
E
D2
E2
A
A1
A3
L
e
b
min
2.85
2.85
2.23
1.49
0.80
0
0.3
0.18
max 3.15
3.15
2.48
1.74
1.00
0.05
0.20
0.5
0.50
0.30
all Dimensions in inch
min 0.112 0.112 0.0878 0.051 0.0315
0
0.0118
0.0071
max 0.124 0.124 0.0976 0.055 0.0393 0.002
0.0079
0.0197
0.0197
0.0118
7.1
Soldering Information
•
The device TH72005 is qualified for MSL3 with soldering peak temperature 260 deg C
according to JEDEC J-STD-20.
7.2
Recommended PCB Footprints
all Dimensions in mm
Z
G
D2th
E2th
X
Y
CPL
e
min
3.55
1.9
3.2
1.3
0.25
0.7
0.3
max
3.90
2.3
3.6
1.7
0.30
1.0
0.5
0.5
all Dimensions in inch
min 0.1398 0.0748 0.1260 0.0512 0.0098 0.0276 0.0591
max 0.1535 0.0906 0.1417 0.0669 0.0118 0.0394 0.0197
0.0197
Fig. 11: PCB land pattern style
solder stop
solder pad
e
X
Y
CPL
E2th
D2 th
Z G
15
6
10
A
A1
A3
D
E
1
5
6
10
e
b
E2
D2
L
0.36
0.225x45°
0.23
ex pos ed pad
The “exposed pad” is not connected
to internal ground,
it should not be connected to the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com