Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CCV6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32WL33CCV6
Description  STM32WL3x Nucleo-64 boards
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CCV6 Datasheet(HTML) 2 Page - STMicroelectronics

  STM32WL33CCV6 Datasheet HTML 1Page - STMicroelectronics STM32WL33CCV6 Datasheet HTML 2Page - STMicroelectronics STM32WL33CCV6 Datasheet HTML 3Page - STMicroelectronics STM32WL33CCV6 Datasheet HTML 4Page - STMicroelectronics STM32WL33CCV6 Datasheet HTML 5Page - STMicroelectronics STM32WL33CCV6 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1
Ordering information
To order an STM32WL3x Nucleo-64 board, refer to Table 1. For a detailed description, refer to the user manual on
the product web page. Additional information is available from the datasheet and reference manual of the target
microcontroller.
Table 1. List of available products
Order code
Board reference
User
manual
Target STM32
Differentiating feature
NUCLEO-WL33CC1
•
MB1801(1)
•
MB2029-Highband-Bxx(2)
UM3418
STM32WL33CCV6
Front end optimized for
826
‑958 MHz high band at
16 dBm
NUCLEO-WL33CC2
•
MB1801(1)
•
MB2029-Lowband-Bxx(2)
Front end optimized for
413
‑479 MHz low band at
16 dBm
1. Mezzanine board
2. MCU RF board. Bxx stands for BOM revision.
1.1
Product marking
The stickers located on the top or bottom side of all PCBs provide product information:
•
First sticker: product order code and product identification, generally placed on the main board featuring
the target device.
Example:
Product order code
Product identification
•
Second sticker: board reference with revision and serial number, available on each PCB.
Example:
MBxxxx-Variant-yzz
syywwxxxxx
On the first sticker, the first line provides the product order code, and the second line the product identification.
On the second sticker, the first line has the following format: “MBxxxx-Variant-yzz”, where “MBxxxx” is the board
reference, “Variant” (optional) identifies the mounting variant when several exist, “y” is the PCB revision, and “zz”
is the assembly revision, for example B01. The second line shows the board serial number used for traceability.
Products and parts labeled as “ES” or “E” are not yet qualified or feature devices that are not yet qualified.
STMicroelectronics disclaims any responsibility for consequences arising from their use. Under no circumstances
will STMicroelectronics be liable for the customer's use of these engineering samples. Before deciding to use
these engineering samples for qualification activities, contact STMicroelectronics' quality department.
“ES” or “E” marking examples of location:
•
On the targeted STM32 that is soldered on the board (for an illustration of STM32 marking, refer to the
STM32 datasheet Package information paragraph at the www.st.com website).
•
Next to the evaluation tool ordering part number that is stuck, or silk-screen printed on the board.
Some boards feature a specific STM32 device version, which allows the operation of any bundled commercial
stack/library available. This STM32 device shows a “U” marking option at the end of the standard part number
and is not available for sales.
To use the same commercial stack in their applications, the developers might need to purchase a part number
specific to this stack/library. The price of those part numbers includes the stack/library royalties.
NUCLEO-WL33CC1 NUCLEO-WL33CC2
Ordering information
DB5352 - Rev 2
page 2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com