Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH72032 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH72032
Description  868/915MHz ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72032 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH72032 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TH72032
868/915MHz
ASK Transmitter
3901072032
Page 1 of 20
Data Sheet
Rev. 008
June/07
Features
! Fully integrated PLL-stabilized VCO
! Frequency range from 850 MHz to 930 MHz
! Single-ended RF output
! ASK achieved by on/off keying of internal
power amplifier up to 40 kbit/s
! Wide power supply range from 1.95 V to 5.5 V
! Very low standby current
! On-chip low voltage detector
! High over-all frequency accuracy
! Adjustable output power range from
-12 dBm to +9.5 dBm
! Adjustable current consumption from
5.1 mA to 13.4 mA
! Conforms to EN 300 220 and similar standards
! 8-pin Small Outline Integrated Circuit (SOIC)
Ordering Information
Part Number
Temperature Code
Package Code
Delivery Form
TH72032
K (-40°C to 125°C)
DC (SOIC8)
98 pc/tube
2500 pc/T&R
Application Examples
Pin Description
! General digital data transmission
! Tire Pressure Monitoring Systems (TPMS)
! Remote Keyless Entry (RKE)
! Wireless access control
! Alarm and security systems
! Garage door openers
! Remote Controls
! Home and building automation
! Low-power telemetry systems
General Description
The TH72032 ASK transmitter IC is designed for applications in the European 868 MHz industrial-scientific-
medical (ISM) band, according to the EN 300 220 telecommunications standard. It can also be used for any
other system with carrier frequencies ranging from 850 MHz to 930 MHz (e.g. for applications in the US 902
to 928 MHz ISM band).
The transmitter's carrier frequency fc is determined by the frequency of the reference crystal fref. The inte-
grated PLL synthesizer ensures that each RF value, ranging from 850 MHz to 930 MHz, can be achieved.
This is done by using a crystal with a reference frequency according to: fref = fc/N, where N = 32 is the PLL
feedback divider ratio.
n. c.
ASKDTA
VEE
ENTX
ROI
VCC
PSEL
OUT
TH72032
1
3
4
2
8
6
5
7


Similar Part No. - TH72032

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72032 MELEXIS-TH72032 Datasheet
691Kb / 20P
ASK Transmitter
TH72032 MELEXIS-TH72032 Datasheet
1Mb / 21P
868/915MHz ASK Transmitter
TH72032KDC-BAA-000-RE MELEXIS-TH72032KDC-BAA-000-RE Datasheet
691Kb / 20P
ASK Transmitter
TH72032KDC-BAA-000-TU MELEXIS-TH72032KDC-BAA-000-TU Datasheet
691Kb / 20P
ASK Transmitter
TH72032 MELEXIS-TH72032_12 Datasheet
691Kb / 20P
ASK Transmitter
More results

Similar Description - TH72032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7108 ETC-TH7108 Datasheet
212Kb / 10P
868/915MHz ASK Transmitter / LO Source
TH71081 ETC2-TH71081 Datasheet
214Kb / 10P
868/915MHz ASK Transmitter / LO Source
logo
Melexis Microelectronic...
EVB72035 MELEXIS-EVB72035 Datasheet
628Kb / 14P
868/915MHz FSK/ASK Transmitter Evaluation Board Description
TH72036 MELEXIS-TH72036 Datasheet
342Kb / 16P
868/915MHz FSK/ASK Transmitter
TH72035 MELEXIS-TH72035 Datasheet
547Kb / 20P
868/915MHz FSK/ASK Transmitter
TH7108 MELEXIS-TH7108 Datasheet
313Kb / 14P
868/915MHz FSK/FM/ASK Transmitter
TH71081 MELEXIS-TH71081 Datasheet
215Kb / 10P
868/915MHz ASK Transmitter / LO Source
TH72032 MELEXIS-TH72032_17 Datasheet
1Mb / 21P
868/915MHz ASK Transmitter
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_17 Datasheet
952Kb / 16P
868/915MHz FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com