Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH72032KDC Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # TH72032KDC
Description  868/915MHz ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72032KDC Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button TH72032KDC Datasheet HTML 5Page - Melexis Microelectronic Systems TH72032KDC Datasheet HTML 6Page - Melexis Microelectronic Systems TH72032KDC Datasheet HTML 7Page - Melexis Microelectronic Systems TH72032KDC Datasheet HTML 8Page - Melexis Microelectronic Systems TH72032KDC Datasheet HTML 9Page - Melexis Microelectronic Systems TH72032KDC Datasheet HTML 10Page - Melexis Microelectronic Systems TH72032KDC Datasheet HTML 11Page - Melexis Microelectronic Systems TH72032KDC Datasheet HTML 12Page - Melexis Microelectronic Systems TH72032KDC Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TH72032
868/915MHz
ASK Transmitter
3901072032
Page 9 of 20
Data Sheet
Rev. 008
June/07
4.4
DC Characteristics
all parameters under normal operating conditions, unless otherwise stated;
typical values at TA = 23 °C and VCC = 3 V
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating Currents
ENTX=0, TA=85°C
0.2
200
nA
Standby current
ISBY
ENTX=0, TA=125°C
4
µA
Supply current in power step 0
ICC0
ENTX=1
2.5
3.9
5.7
mA
Supply current in power step 1
ICC1
ENTX=1
3.5
5.1
7.3
mA
Supply current in power step 2
ICC2
ENTX=1
4.5
6.4
8.8
mA
Supply current in power step 3
ICC3
ENTX=1
6.2
8.6
11.4
mA
Supply current in power step 4
ICC4
ENTX=1
9.4
13.4
17.3
mA
Digital Pin Characteristics
Input low voltage CMOS
VIL
ENTX, ASKDTA pins
-0.3
0.3*Vcc
V
Input high voltage CMOS
VIH
ENTX, ASKDTA pins
0.7*VCC
VCC+0.3
V
Pull down current
ENTX pin
IPDEN
ENTX=1
0.2
2.0
20
µA
Low level input current
ENTX pin
IINLEN
ENTX=0
0.02
µA
High level input current
ASKDTA pin
IINHDTA
ASKDTA=1
0.02
µA
Pull up current
ASKDTA pin active
IPUDTAa
ASKDTA=0
ENTX=1
0.1
1.5
12
µA
Pull up current
ASKDTA pin standby
IPUDTAs
ASKDTA=0
ENTX=0
0.02
µA
Power Select Characteristics
Power select current
IPSEL
ENTX=1
7.0
8.6
9.9
µA
Power select voltage step 0
VPS0
ENTX=1
0.035
V
Power select voltage step 1
VPS1
ENTX=1
0.14
0.24
V
Power select voltage step 2
VPS2
ENTX=1
0.37
0.60
V
Power select voltage step 3
VPS3
ENTX=1
0.78
1.29
V
Power select voltage step 4
VPS4
ENTX=1
1.55
V
Low Voltage Detection Characteristic
Low voltage detect threshold
VLVD
ENTX=1
1.75
1.85
1.95
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com