Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH72016 Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # TH72016
Description  433MHz FSK/ASK Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72016 Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button TH72016 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 9Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 10Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 11Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 12Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TH72016
433MHz
FSK/ASK Transmitter
39010 72016
Page 9 of 16
Data Sheet
Rev. 006
June/07
4.4
DC Characteristics
all parameters under normal operating conditions, unless otherwise stated;
typical values at TA = 23 °C and VCC = 3 V
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating Currents
EN=0, TA=85°C
0.2
200
nA
Standby current
ISBY
EN=0, TA=125°C
4
µA
Supply current in power step 0
ICC0
EN=1
1.5
2.9
5.0
mA
Supply current in power step 1
ICC1
EN=1
2.1
3.8
6.0
mA
Supply current in power step 2
ICC2
EN=1
3.0
5.0
7.5
mA
Supply current in power step 3
ICC3
EN=1
4.5
6.9
9.5
mA
Supply current in power step 4
ICC4
EN=1
7.3
11.0
14.5
mA
Digital Pin Characteristics
Input low voltage CMOS
VIL
EN, FSKDTA
-0.3
0.3*Vcc
V
Input high voltage CMOS
VIH
EN, FSKDTA
0.7*VCC
VCC+0.3
V
Pull down current, EN
IPDEN
EN=1
0.2
4.0
40
µA
Low level input current, EN
IINLEN
EN=0
0.02
µA
High level input current, FSKDTA
IINHDTA
FSKDTA=1
0.02
µA
Pull up current FSKDTA
active mode
IPUDTAa
FSKDTA=0, EN=1
0.1
1.5
12
µA
Pull up current FSK
standby mode
IPUDTAs
FSKDTA=0, EN=0
0.02
µA
Low level input current CKDIV
IINLCKDIV CKDIV=0
0.02
µA
Pull-down current CKDIV
active mode
IPDCKDIVa CKDIV=1, EN=1
0.1
1.5
12
µA
Pull-down current CKDIV
standby mode
IPDCKDIVs CKDIV=1, EN=0
0.02
µA
FSK Switch Resistance
MOS switch On resistance
RON
FSKDTA=0, EN=1
20
70
Ω
MOS switch Off resistance
ROFF
FSKDTA=1, EN=1
1
M
Ω
Power Select Characteristics
Power select current
IPSEL
EN=1
7.0
8.6
9.9
µA
Power select voltage step 0
VPS0
EN=1
0.035
V
Power select voltage step 1
VPS1
EN=1
0.14
0.24
V
Power select voltage step 2
VPS2
EN=1
0.37
0.60
V
Power select voltage step 3
VPS3
EN=1
0.78
1.29
V
Power select voltage step 4
VPS4
EN=1
1.55
V
Low Voltage Detection Characteristic
Low voltage detect threshold
VLVD
EN=1
1.75
1.85
1.95
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com