Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12050WAST Datasheet(PDF) 2 Page - Artesyn Technologies

Part # PTH12050WAST
Description  12 Vin Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH12050WAST Datasheet(HTML) 2 Page - Artesyn Technologies

  PTH12050WAST Datasheet HTML 1Page - Artesyn Technologies PTH12050WAST Datasheet HTML 2Page - Artesyn Technologies PTH12050WAST Datasheet HTML 3Page - Artesyn Technologies PTH12050WAST Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PTH12050 Data Sheet
Ordering Information
Model
Number (9)
Output Power
(Max.)
Input
Voltage
Output
Voltage
Output Current
(Min.)
Output Current
(Max.)
Efficiency
(Typical)
Regulation
Line
Load
PTH12050L
33 W
10.8 - 13.2 Vdc
0.8 - 1.8 Vdc
0 A
6 A
88%
±5 mV
±5 mV
PTH12050W
33 W
10.8 - 13.2 Vdc
1.2 - 5.5 Vdc
0 A
6 A
93%
±5 mV
±5 mV
General Specifications
Efficiency
See Efficiency Table
Insulation voltage
Non-isolated
Switching frequency
Over Vin and Io
ranges
Suffix ‘W’: 320 kHz typical
Suffix ‘L’: 250 kHz typical
Approvals and
standards
EN60950, UL/cUL60950
Material flammability
UL94V-0
Dimensions
L x W x H
22.10 x 12.57 x 8.50 mm
0.870 x 0.495 x 0.335 in
Weight
2.9 g (0.10 oz)
MTBF
Telcordia SR-332
7,092,000 hours
Environmental Specifications
Thermal performance
(See Note 2)
Operating ambient temperature
Non-operating temperature
-40 °C to +85 °C
-40 °C to +125 °C
MSL (‘Z’ suffix only)
JEDEC J-STD-020C
Level 3
Protection
Short-circuit
Auto reset
14 A typical
Output Voltage Adjustment
The ultra-wide output voltage trim range offers major advantages to users who
select the PTH12050. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 1.2 Vdc to 5.5 Vdc for suffix ‘W’ and 0.8 Vdc to 1.8 Vdc
for suffix ‘L’. When the PTH12050 converter leaves the factory the output has
been adjusted to the default voltage of 1.2 V for the PTH12050W and 0.8 V for
the PTH12050L.
EMC Characteristics
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
Efficiency Table: PTH12050W
(Io = 5 A)
Efficiency Table: PTH12050L
(Io = 5 A)
Output Voltage
Efficiency
Output Voltage
Efficiency
Vo = 5.0 V
93%
Vo = 1.8 V
88%
Vo = 3.3 V
91%
Vo = 1.5 V
87%
Vo = 2.5 V
89%
Vo = 1.2 V
85%
Vo = 2.0V
88%
Vo = 1.0 V
83%
Vo = 1.8 V
87%
Vo = 0.8 V
81%
Vo = 1.5 V
86%
Vo = 1.2 V
84%
Notes:
1. Remote ON/OFF. Positive Logic
ON: Pin 3 open; or V > Vin - 0.5 V
OFF: Pin 3 GND; or V < 0.8 V (min - 0.2 V).
2. See Figure 1 for safe operating curve.
3. A 100 μF electrolytic input capacitor is required for proper operation. The capacitor must be
rated for a minimum of 750 mA rms of ripple current. C2 = 10 μF ceramic capacitor, required
for output voltages of 3.3 V and higher.
4. An external output capacitor is not required for basic operation. Adding 100 μF of distributed
capacitance at the load will improve the transient response.
5. 1 A/μs load step, 50 to 100% Iomax, Cout = 100 μF.
6. If utilized Vout will track applied voltage by ±0.3 V (up to Vo set point).
7. Tape and reel packaging only available on the surface-mount versions.
8. The pk-pk output ripple voltage is measured with an external 10 μF ceramic capacitor. See
Figure 3 for Standard application schematic.
9. NOTICE: Some models do not support all options. Please contact your local Artesyn
representative or use the on-line model number search tool at http://www.artesyn.com/power
to find a suitable alternative.
Part Number System with Options
PTH
12
05
0
W
A
S
T
Product Family
Point-of-Load
Alliance compatible
Pin Option(8)
Output Current
05 = 6 A
Output Voltage
Code
W = Wide
L = Low Voltage
Mechanical
Package
Always 0
Mounting Options
D = Horizontal
through-hole (RoHS
6/6)
Z = Surface-mount
solder ball (RoHS
6/6)
Input Voltage
12 = 12 V
Pin Option
No Suffix = Trays
T = Tape and Reel(8)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com