Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS0100 Datasheet(PDF) 5 Page - Power IC Ltd.

Part # PS0100
Description  600mA Synchronous Boost Converter with Output Disconnect
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PS0100 Datasheet(HTML) 5 Page - Power IC Ltd.

  PS0100 Datasheet HTML 1Page - Power IC Ltd. PS0100 Datasheet HTML 2Page - Power IC Ltd. PS0100 Datasheet HTML 3Page - Power IC Ltd. PS0100 Datasheet HTML 4Page - Power IC Ltd. PS0100 Datasheet HTML 5Page - Power IC Ltd. PS0100 Datasheet HTML 6Page - Power IC Ltd. PS0100 Datasheet HTML 7Page - Power IC Ltd. PS0100 Datasheet HTML 8Page - Power IC Ltd. PS0100 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PS0100
ELECTRICAL CHARACTERISTICS (continued)
(All specifications are at T = 25
°C, V = 1.5V, V
= 3.3V, V
= 1.5V, unless otherwise specified.)
A
IN
OUT
SHUTB
Parameter
Conditions
Min
Type
Max
Unit
0.95
V
SHUTB Input High
0.35
V
SHUTB Input Low
100
nA
SHUTB Input Current
650
KHz
Frequency at Start-Up
Thermal Shutdown
15
°C Hysteresis
145
°C
Note 1: Minimum operating input voltage is fixed by the battery’s ability to provide necessary power at that
(terminal) voltage. Below this voltage, the battery fails to deliver required power as it enters into deeply
discharged state. This voltage can be lower if the required duty cycle is less.
Note 2: When the input voltage is greater than the output voltage regulation point, the part operates in track
mode (see Track Mode).
Note 3: For applications where V
> 4.3V, an external Schottky diode is recommended.
OUT
Note 4: Limits are 100% production tested at TA=25°C. Specifications over the -40°C to +85°C operating
temperature range are assured by design.
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com