Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS1313 Datasheet(PDF) 6 Page - Power IC Ltd.

Part # PS1313
Description  High Efficiency, High Power White-LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PS1313 Datasheet(HTML) 6 Page - Power IC Ltd.

  PS1313 Datasheet HTML 1Page - Power IC Ltd. PS1313 Datasheet HTML 2Page - Power IC Ltd. PS1313 Datasheet HTML 3Page - Power IC Ltd. PS1313 Datasheet HTML 4Page - Power IC Ltd. PS1313 Datasheet HTML 5Page - Power IC Ltd. PS1313 Datasheet HTML 6Page - Power IC Ltd. PS1313 Datasheet HTML 7Page - Power IC Ltd. PS1313 Datasheet HTML 8Page - Power IC Ltd. PS1313 Datasheet HTML 9Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
OPERATION DESCRIPTION
The PS1313 is a high efficiency, fixed frequency, peak
current mode boost regulator. It has the architecture to
regulate the voltage at the feedback pin, so that a
regulated fixed current is achieved to drive white LEDs.
The power MOS is turned ON through the control
circuitry, at the start of each oscillator cycle and thus the
charging phase is initiated. The error amplifier, consisting
of a voltage comparator and current sense amplifier, is
basically, a PWM comparator. The voltage comparator
amplifies the difference between the reference and feed
back voltage. When the output of the current sense
amplifier, reaches the output of the voltage comparator,
the POWER MOS is turned OFF and thus the charging
phase is terminated. To prevent sub-harmonic oscillations
at duty cycles greater than 50 percent, a stabilizing ramp
is added to the current sense signal. In this way the peak
current level keeps the output in regulation. The PS1313
has internal soft start mechanism, to limit the inrush
current at startup and to limit the amount of overshoot
on the output, also. An internal blanking time is provided
during start up, to prevent the start of switching before
all the circuitry become ready for operation. The current
limit is increased by a fourth every 60µs giving a total
soft start time of 240µs.
Setting the LED current :
The LED current can be set, according to the
requirement, by feedback to ground resistor, R1.
The current through the LEDs is selected by the
following equation:
ILED=100mV/R1
Current Limit :
The PS1313 includes a current limiter. It monitors
the peak current through the inductor and controls
gate of the power device.
Enable Input :
The PS1313 features an active-high Enable input
(EN) pin that allows on/off control of the regulator.
The PS1313 bias current reduces to less than
microampere when it is shutdown. The output
remains at a schottky forward voltage lower than
the SW pin, if a schottky diode is connected
between SW and OV pin, at shut. The Enable input
is TTL/CMOS compatible.
PS1313
Under Voltage Lockout:
When the input supply goes too low (below 2.15V)
the PS1313 produces an internal UVLO (under
voltage lockout) signal that shuts down the chip.
This mechanism protects the chip from producing
false logic due to low input supply.
Thermal Overload Protection:
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
6
Thermal-overload protection limits total power
dissipation in the PS1313. When the junction
temperature exceeds Tj= +160°C, the thermal
sensor signals the shutdown logic and turning off
most of the internal circuitry. The thermal sensor
turns internal circuitry on again after the IC’s
junction temperature drops by 20
°C. The regulator
then starts functioning in the required mode based
on the supply voltage.
Thermal-Overload protection is designed to protect
the PS1313 in the event of a fault condition. For
continual operation, do not exceed the absolute
maximum junction temperature rating of Tj =
+150
°C.
Open Load Protection:
Open load protection in PS1313, protects the chip
from destruction, due to excessive high voltage.
When, in any case, one or more LEDs in the LED
string fails, the feedback pin is pulled down to zero.
As a result, the chip runs at maximum duty cycle,
boosting the output voltage higher and higher. The
open load protection mechanism, checks this
condition, if OV pin is tied to the top of the LED
string. If the output voltage exceeds the OV
threshold (18V) and persists there for a certain
span of time (15µS), the switching stops, allowing
the output to discharge. The open load protection
mechanism includes a hysteretic comparator. The
switching is enabled again, when the output voltage
has fallen to a certain level. Because the chip
doesn’t turn OFF fully, no power recycling is
necessary, when this condition takes place. But it’s
highly recommended, not to use the chip in that
mode of operation for longer span of time.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com