| Electronic Components Datasheet Search |
|
ISB35166 Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ISB35166 Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 15 page ![]() DESIGN ENVIRONMENT Several interface levels are possible between SGS- THOMSON and the customer in the undertaking of an ASIC design. The four levels of interface are shown in Figure 7. Level 1 is characterized by SGS-THOMSON receiving the system specification and taking the design through to validation and fabrication. At level 2 interface the designer sup- plies a complete logic design implemented in a standard generic logic family. SGS-THOMSON then takes the design through to layout, validation and fabrication. Level 3 is the most common and preferred interface level. Logic capture and pre-layout simulation are performed by the designer using an SGS-THOM- SON supported design kit. The design is then taken through layout, validation and fabrication by SGS- THOMSON. The SGS-THOMSON design system validates all designs before fabrication. Design kits areprovided that allow schematic capture entry via Mentor Graphics and Cadence Amadeus. Simulation is supported on Cadence Amadeus and Mentor Graphics. Full support is also provided for Cadence Verilog, Synopsys VSS and System Hilo simula- tors. Figure 8 shows the SGS-THOMSON Design Flow. CUSTOMER CUSTOMER LEVEL 1 LEVEL 4 LEVEL 2 LEVEL 3 CUSTOMER SYSTEM SYSTEM SPECIFICATION LOGIC DESIGN SCHEMATIC CAPTURE DESIGN VERIFICATION PRE-LAYOUT SIMULATION POST-LAYOUT SIMULATION MANUFACTURE AND TEST CUSTOMER LAYOUT ISB35_VC Figure 7. Customer/SGS-THOMSON Interface Levels ISB35000 SERIES 11/15 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |