Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX10407 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX10407
Description  5-Channel Gauge Driver with Serial Link
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX10407 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX10407 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX10407 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX10407 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX10407 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX10407 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX10407 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX10407 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX10407 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX10407 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
3901010407
Page 2
Aug/02
Rev. 003
Characteristics
Test Conditions
Symbol
Limits
Unit
Min
Typ
Max
Supply current
Inputs at VDD or
VSS, No loads on
outputs
ICC
5.5
mA
Maximum power dissipation
PDmax
620
mW
Inputs
Input capacitance
Cin
10
pF
Pin 11
Pull-down resistance
Rpd
125
750
kOhm
Input voltage LOW
VIL
-0.3
1
V
Input voltage HIGH
VIH
4
VDD+0.3
V
Hysteresis
VDD = 8.5 V
VHYS
0.5
2.5
V
Leakage current
pin at VDD or VSS
IL
-1
1
µA
Pin 12, 13, 14, 15, 17
Input voltage LOW
VIL
-0.3
1
V
Input voltage HIGH
VIH
4
VDD+0.3
V
Hysteresis
VDD = 8.5 V
VHYS
0.5
2.5
V
Leakage current (pin 12, 15, 17)
pin at VDD or VSS
IL
-1
1
µA
Pull-down resistance (pin 14)
Rpd
0.8
1.5
kOhm
Pin 16
Low level output voltage
IOUT < 500 µA
VOL
0.3
V
High level output leakage current
VOUT=VDD
ILKG
10
µA
Pin 2, 3, 5, 6, 20, 21, 23, 24
Drop-out voltage for each pair of
buffers
VDD = 8.5V, Tamb =
25°C, Icoil = 30 mA
Vd
1.6
V
Mismatch of drop-out voltage
D Vd
± 50
mV
Pin 7, 8, 9
Output voltage low
VDD = 8.5V, Tamb=
25°C, Isink = 40mA
VOL
0.3
0.6
V
Output voltage high
VDD = 8.5V, Tamb=
25°C, Isource =
40mA
VOH
6.8
7.8
V
Oscillator
Pin 18,19
Input pin capacitance
Cin
10
20
pF
Outputs
DC Electrical Characteristics
Tamb = -40 to 85°C, VDD = 4.5 V to 12 V unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com