Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90609 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX90609
Description  Angular Rate Sensor (Standard version)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90609 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX90609 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90609 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90609 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90609 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90609 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90609 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90609 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90609 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90609 Datasheet HTML 22Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 21 of 22
Data Sheet
Rev 008
February/08
Primary and Secondary Frame
In vector notation the Coriolis force FCoriolis is given by:
(
)
Ω
×
=
v
m
F
Coriolis
2
Where m is the mass of the object, v its velocity and
is the angular rate of the rotating coordinate
system.
To create a Coriolis Force (FCoriolis), a movement or velocity (v) must be induced. The gyroscope
system has got an electrically actuated oscillating mechanical structure, called primary frame (m).
When the gyroscope rotates ( ) a Coriolis force FCoriolis acts on this frame. To measure the Coriolis
force, a part of the frame - called the secondary frame - is designed to allow a motion as a reaction
to the applied Coriolis force. This synchronous motion is sensed electrically by a capacitive readout
circuit.
The gyroscope is a vibratory system with two orthogonal vibrating frames: the primary actuated
vibrating frame and the secondary sensed vibrating frame.
Zero Rate Output (ZRO) Drift
The bounds within which the circuit output signal may vary as the temperature varies across the
operating temperature range with no applied angular rate.
List of Acronyms
ADC
Analog to Digital Converter
EEPROM
Electrically Erasable PROM
EMC
Electro Magnetic Compatibility
ESD
Electrostatic Discharge
HBM
Human Body Model of ESD
JEDEC
Joint Electronics Design Engineering Council
MEMS
Micro Electro-Mechanical Sensor
SMD
Surface Mounted Device
SO
Swiss Outline or Small Outline
SPI
Serial Peripheral Interface
TC
Temperature Coefficient
CDF-AEC-100
Automotive Electronics Council –
Stress Test Qualification for Integrated Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com