Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX16303 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX16303
Description  Bi-directional Remote Sensor Unit Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX16303 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX16303 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MLX16303
Bi-directional Remote Sensor Unit Interface
3901016303
Page 13 of 20
Data Sheet
Rev. 004
Jun/04
SPI commands
Table of SPI commands
Command
Binary
Code
Function
CMD_ONOFF
100b
Switch the remote units on/off (voltage OUTx)
CMD_DIAG1
010b
self diagnosis request when channel is ON
CMD_DIAG2
110b
self diagnosis request when channel is OFF
CMD_PROG
101b
Enable programming mode
CMD_NOP
001b
No Operation allows ECU to poll the answer of a previous command
CMD_ONOFF
Switches the OUTx voltage for the selected channel (remote unit) on or off. CO0/1 will only be considered
if CS0/CS1 is set.
Command
MSB
LSB
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
CO1
CS1
CO0
CS0
CMD_ON_OFF
Bit
Function
CMD_ON_OFF
100 binary
CS0
Selection of channel 0
0: channel 0 not selected
1: channel 0 selected
CO0
Channel 0 activate/deactivate
0: channel 0 deactivated
1: channel 0 activated
CS1
Selection of channel 1
0: channel 1 not selected
1: channel 1 selected
CO1
Channel 0 activate/deactivate
0: channel 0 deactivated
1: channel 1 activated
Answer
MSB
LSB
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
SC1
SC0
CMD_BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com