Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX71122 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX71122 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX71122 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX71122 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX71122 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX71122 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX71122 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX71122 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX71122 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX71122 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
PR
EL
IM
INA
RY
MLX71122
300 to 930MHz
FSK/FM/ASK Receiver
39010 71122
Page 21 of 44
Data Sheet
Rev. 007
Oct/07
3.4.4
IF Amplifier (IFA)
After passing the IF filter the receiving signal is amplitude limited by means of a high gain limiting amplifier.
Its small signal gain is about 68dB. A received signal strength indicator (RSSI) voltage is generated in the IF
amplifier. It is available at pin RSSI. The voltage at this pin is proportional to the input level of the receiver (in
dB scales). By using this RSSI output signal the incoming signal strength of different transmitters can be
determined. The same RSSI signal is used for receiving ASK modulated signals if MODSEL (see 4.1.6) is
HIGH.
The IFA generates two digital signals RSSIL and RSSIH that indicate the level range of the RSSI voltage. If
the level is in the lower quarter of the RSSI voltage range then both signals are LOW. If it is in the upper
quarter of the RSSI range then both signals are HIGH. In between, the RSSIL signal is HIGH and RSSIH is
LOW. Both values can be read out from register R7 of the IC (see 4.1.8). These two signals are also used
for the AGC feature.
3.4.5
Automatic Gain Control (AGC)
The Automatic Gain Control (AGC) can be activated in SPI mode with AGCEN (see 4.1.4). By default, it is
turned off. It uses the RSSIH and RSSIL signals of the IF amplifier to determine whether the gain has to be
increased or decreased. The gain will be decreased beginning with the gain of the last stage. The gain
increase works vice versa. The AGC circuit controls the gain of the LNA, and of mixer 1 and mixer 2. To
avoid rapid gain switching, caused by short signal strength fluctuations or during ASK reception, the gain
control operates with a time delay that can be programmed via AGCDEL (see 4.1.4). The time delay also
depends on the PFD frequency of the IF filter auto-tuning circuit. There is no delay by default. AGCMODE
(see 4.1.5), a second setting, determines whether the delay is applied for gain increase and decrease or only
for gain increase. By default, a delay for increase and decrease is used.
3.4.6
FSK Demodulator
FSK reception is turned on if bit MODSEL in register R5 is set to LOW (default). The demodulator is
completely internally implemented, so no external, expensive discriminator device is needed. The used FSK
demodulator is based on time delay elements and a mixer. The delay path provides a phase shift of 90
degrees to the original IF signal. The average of the phase shift is controlled, so that the input frequency
acceptance range is wider than the IF filter bandwidth of 230kHz. The gain of the demodulator can be
changed with bit DEMGAIN (see 4.1.1). It can be at low gain with about 4mV/kHz (default) or at high gain
with about 15mV/kHz. High gain should only be used for small FSK/FM deviations of up to ±15kHz, because
the demodulator gets nonlinear at larger FM/FSK deviations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com