Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX75012 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX75012
Description  10-Channel High-Speed Universal PDIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX75012 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX75012 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX75012 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX75012 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX75012 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX75012 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX75012 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX75012 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX75012 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX75012 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MLX75012
10-Channel High-Speed Universal PDIC
3901075012
Page 13 of 18
Data Sheet
Rev 002
June/07
7.2 Transient behavior
7.3 Main-detector sensitivity mapping
Fig. 6:
RF Channels Transient Output Signal,
Gain Mode=128, HD-DVD/Blu-Ray
®/DVD Mode
Fig. 7:
Laser Scan of Central Main Detector,
Pattern1 with 635nm Laser. HD-DVD/Blu-Ray
®/
DVD Mode
7.4 Noise measured data
Noise Measurement RFP, CD mode
-95
-90
-85
-80
-75
-70
-65
1
10
100
1000
Frequency f / MHz
Gain=1
Gain=2
Gain=4
Gain=8
Gain=16
Gain=32
Gain=64
Gain=128
Fig. 8:
RFP Channel Output Noise at 30kHz
Bandwidth, CD mode
Noise Measurement RFP, HD/DVD mode
-95
-90
-85
-80
-75
-70
-65
1
10
100
1000
Frequency f / MHz
Gain=1
Gain=2
Gain=4
Gain=8
Gain=16
Gain=32
Gain=64
Gain=128
Fig. 9: RFP
Channel Output Noise at 30kHz
Bandwidth, HD-DVD/Blu-Ray
®/DVD Mode
RFN
N
RFP
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com