Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH71101ENE Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # TH71101ENE
Description  315/433MHz FSK/FM/ASK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71101ENE Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button TH71101ENE Datasheet HTML 5Page - Melexis Microelectronic Systems TH71101ENE Datasheet HTML 6Page - Melexis Microelectronic Systems TH71101ENE Datasheet HTML 7Page - Melexis Microelectronic Systems TH71101ENE Datasheet HTML 8Page - Melexis Microelectronic Systems TH71101ENE Datasheet HTML 9Page - Melexis Microelectronic Systems TH71101ENE Datasheet HTML 10Page - Melexis Microelectronic Systems TH71101ENE Datasheet HTML 11Page - Melexis Microelectronic Systems TH71101ENE Datasheet HTML 12Page - Melexis Microelectronic Systems TH71101ENE Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TH71101
315/433MHz
FSK/FM/ASK Receiver
39010 71101
Page 9 of 22
Data Sheet
Rev. 014
June/07
3
Technical Data
3.1
Absolute Maximum Ratings
Parameter
Symbol
Condition / Note
Min
Max
Unit
Supply voltage
VCC
0
7.0
V
Input voltage
VIN
- 0.3
Vcc+0.3
V
Input RF level
PiRF
@ LNA input
10
dBm
Storage temperature
TSTG
-40
+125
°C
Junction temperature
TJ
+150
°C
Thermal Resistance
RthJA
60
K/W
Power dissipation
Pdiss
0.1
W
VESD1
human body model, 3)
-1.0
+1.0
Electrostatic discharge
VESD2
human body model, 4)
-0.75
+0.75
kV
3) all pins except OUT_LNA, IF1P and IF1N
4) pin OUT_LNA, IF1P and IF1N
3.2
Normal Operating Conditions
Parameter
Symbol
Condition
Min
Max
Unit
0 °C to 85 °C
2.5
5.5
-20 °C to 85 °C
2.6
5.5
VCC, FSK
-40 °C to 85 °C
2.7
5.5
Supply voltage
VCC, ASK
-40 °C to 85 °C
2.3
5.5
V
Operating temperature
TA
-40
+85
ºC
Input low voltage (CMOS)
VIL
ENRX pin
0.3*VCC
V
Input high voltage (CMOS)
VIH
ENRX pin
0.7*VCC
V
Input frequency range
fi
289.3
460.7
MHz
IF range
fIF
0.4
22
MHz
XOSC frequency
fref
set by the crystal
18.75
28.125
MHz
VCO frequency
fLO
fLO = 16 • fref
300
450
MHz
Frequency deviation
Δf
at FSK or FM
±2.5
±80
kHz
FSK data rate
RFSK
NRZ, C15 = NIP, 5)
180
kbps
ASK data rate
RASK
NRZ, C16 = NIP, 5)
260
kbps
FM bandwidth
fm
15
kHz
5) BIF = 400 kHz, PIN = -90 dBm
3.3
Crystal Parameters
Parameter
Symbol
Condition
Min
Max
Unit
Crystal frequency
f0
fundamental mode, AT
18.75
28.125
MHz
Load capacitance
CL
10
15
pF
Static capacitance
C0
7
pF
Series resistance
R1
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com