Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P240D2 Datasheet(PDF) 8 Page - Opto 22

Part # P240D2
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

P240D2 Datasheet(HTML) 8 Page - Opto 22

Back Button P240D2 Datasheet HTML 4Page - Opto 22 P240D2 Datasheet HTML 5Page - Opto 22 P240D2 Datasheet HTML 6Page - Opto 22 P240D2 Datasheet HTML 7Page - Opto 22 P240D2 Datasheet HTML 8Page - Opto 22 P240D2 Datasheet HTML 9Page - Opto 22 P240D2 Datasheet HTML 10Page - Opto 22 P240D2 Datasheet HTML 11Page - Opto 22 P240D2 Datasheet HTML 12Page - Opto 22 Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
8
AC Power: 120/240 Volt (cont.)
Connection Diagram
Current vs. Ambient Ratings
Surge Current Data
Mounted on a heat sink with
2 °C/watt rating
*Control Current varies with control voltage. See “Control
Current Calculation” on page 17 for information.
Dimensional Drawings
NOTE: All dimensions are nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com