Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC200MP Datasheet(PDF) 7 Page - Opto 22

Part # DC200MP
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

DC200MP Datasheet(HTML) 7 Page - Opto 22

Back Button DC200MP Datasheet HTML 3Page - Opto 22 DC200MP Datasheet HTML 4Page - Opto 22 DC200MP Datasheet HTML 5Page - Opto 22 DC200MP Datasheet HTML 6Page - Opto 22 DC200MP Datasheet HTML 7Page - Opto 22 DC200MP Datasheet HTML 8Page - Opto 22 DC200MP Datasheet HTML 9Page - Opto 22 DC200MP Datasheet HTML 10Page - Opto 22 DC200MP Datasheet HTML 11Page - Opto 22 Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
7
480/575 Volt (cont)
Dimensional Drawings
NOTE: All dimensions are nominal.
Z Series Specifications
AC Power: 120/240 Volt
The Z Series employs a unique heat transfer system that makes it possible for Opto 22 to deliver a low-cost, 10-amp, solid-state
relay in an all-plastic case. The push-on tool-free quick-connect terminals make the Z Series ideal for high-volume OEM
applications. Operating temperature is –40 °C to 100 °C.
NOTE: Part number Z240D10-17 is a replacement part only. Its specifications are identical to Z240D10.
Side view: Part numbers
DC60S3, 120D3, and
240D3 only
Side view: All other
part numbers
+
3-32VDC Control
Z120D10
Z240D10
Nominal AC Line Voltage Nominal
120
240
Current Rating (Amps)
10
10
1 cycle Surge (Amps) Peak
110
110
Nominal Signal Input Resistance (Ohms)
1000
1000
Signal Pick-up Voltage
3VDC (32V
allowed)
3VDC (32V
allowed)
Signal Drop-out Voltage
1 VDC
1 VDC
Peak Repetitive Voltage Maximum
600
600
Maximum Output Voltage Drop
1.6 volts
1.6 volts
Off-State Leakage (mA) Maximum**
6 mA
12 mA
Operating Voltage Range (Volts AC)
12–140
24–280
I2t Rating t=8.3 (ms)
50
50
Isolation Voltage
4,000 VRMS
4,000 VRMS
θjc* (°C/Watt) Dissipation (Watts/Amp)
4
4
Notes:
θjc* = Thermal resistance from internal junction to base. Maximum internal junc-
tion temperature is 110°C.
** Operating Frequency: 25–65 Hz (operates at 400 Hz with 6 times the offstate leakage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com