Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPR Datasheet(PDF) 2 Page - IDEM Safety Switches

Part # RPR
Description  Non Contact Magnetic Safety Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEM-SAFETY [IDEM Safety Switches]
Direct Link  https://idemsafety.com/
Logo IDEM-SAFETY - IDEM Safety Switches

RPR Datasheet(HTML) 2 Page - IDEM Safety Switches

  RPR Datasheet HTML 1Page - IDEM Safety Switches RPR Datasheet HTML 2Page - IDEM Safety Switches  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Non Contact Magnetic Safety Switches
IDEM SAFETY SWITCHES Ltd. (U.K.) 2,Ormside Close, Hindley Ind. Est., Hindley Green, Wigan, WN2 4HR Tel: +44 (0)1942 257070 Fax.: +44 (0)1942 257076
email: sales@idemsafety.com
IDEM SAFETY SWITCHES USA, Inc.
2574 S.Beverley St., Suite 104, Boise, ID 83709 Tel: 510-445-0751 Fax: 866-431-7064 email: salesusa@idemsafety.com
Web: www.idemsafety.com
Safety Classification and Reliability Data:
ISO 13849-1
B10d
Usage
Technical Data:
Standards:
Up to PLe Category 4
(if both channels are used with a PLe control device)
3,300,000 cycles at 100mA load
8 cycles/hour 24 hours/365 days per year
MTTFd is 470 years
ISO14119 EN60947-5-3 EN60204-1 ISO13849-1 UL508
MPR MMR-H RPR RMR BPR BMR
Safety Circuits NC
SPR SMR LPR LMR CPR/CMR (2NC)
Safety Circuits NC
WPR WMR CPR/CMR (1NC)
Safety Circuits NC
Auxiliary Circuits NO
240V.ac / 24V.ac/dc 1.0 A. max.
(Fuse externally 0.5A. (F).
240V.ac / 24V.dc 1.0 A. max.
(Fuse externally 0.8A. (F).
240V.ac / 24V.dc 2.0 A. max.
(Fuse externally 1.6A. (F).
24V.ac/dc 0.2A. max.
Contact release time
<2ms
Initial contact resistance
<500 milliohm
Minimum switched current
10V. dc 1mA
Delectric withstand
250V.ac
Insulation Resistance
100 Mohms
Recommended setting gap
5mm
NC Switching Distance:
(Target to target)
NO Switching Distance
Sao 8mm
(BPR / BMR 7mm)
Sar 20mm
Opens before NC circuits close
Tolerance to misalignment
5mm in any direction from 5mm setting gap
Switching frequency
1.0 Hz maximum
Approach speed
200mm/m. to 1000mm/s.
Body Material
MPR SPR CPR LPR WPR RPR BPR Polyester
SMR SMR-F SMR-H WMR CMR CMR-F RMR
MMR-H BMR S/Steel 316
Temperature Range
-25/80C. 105C. S/Steel for CIP/SIP cleaning
Enclosure Protection
Cable
IP67 and IP69K
(QC versions IP67 for connector)
PVC 6.0mm OD Conductors 0.25 sq.mm
Mounting Bolts
2 x M4
Tightening torque 1.0 Nm
CPR CMR CMR-F
LPR LMR
MPR MMR-H
WPR WMR
Doc: 102504
Jun 21
Single switch to SCR-2 or SCR-3 Safety Relay
Single switch to SCR-21-I or SCR-31-I Safety Relay (Viper range)
Connecting in series to SCR range
CMR-F Rear Fixing Version
has two x M4 x 10 tapped
holes at rear.
MMR-H version has two 5mm
through holes.
Hexagon head bolts can be
used for ease of cleaning.
SMC-F rear fixing version
has two M4 x 10mm tapped
holes at the rear of housings.
SMC-H version has two 5mm
through holes. Hexagon head
bolts can be used for ease of
cleaning.
SPR SMR
NC1 Pins 1 and 2
NC2 Pins 3 and 4
M12 4 Way Male Plug
(on Flying Lead 250mm)
Asi compatible pin out
(Pin view from Switch)
Information with regard to UL 508:
Type 1 Enclosures.
Maximum temperature: 80ºC Plastic versions, 70ºC S/Steel versions.
Maximum output 24V.dc 200mA. Powered by Class 2 or equivalent.
Flying lead 1NC versions (2 core) – Brown / Blue
RPR RMR
BPR BMR
Alternative versions:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com