Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN0014 Datasheet(PDF) 3 Page - RF Micro Devices

Part # AN0014
Description  Bias Scheme for NBB-Series Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

AN0014 Datasheet(HTML) 3 Page - RF Micro Devices

  AN0014 Datasheet HTML 1Page - RF Micro Devices AN0014 Datasheet HTML 2Page - RF Micro Devices AN0014 Datasheet HTML 3Page - RF Micro Devices AN0014 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
15-25
AN0014
15
Copyright 1997-2002 RF Micro Devices, Inc.
Eq. 4
In the case of the NBB-300 with a bias resistor of 120
Ω (V
CC = 10 V), the reduction in power delivered to a 50 Ω load is
1.64dB.
In order to prevent loading of the output of the amplifier, a reactance of five to 10 times the characteristic impedance is
desired. At upper microwave frequencies where lumped element chokes are not available, a microstrip bypass circuit is
desirable. Such as choke circuit would consist of a 90° high-impedance line with a short-circuit radial stub. If the toler-
ances are an issue with the short-circuit stub, a short circuit may be provided from a suitable capacitor instead. In such
instances the self-resonance frequency of the capacitor must be considered.
Bias Resistor Selection
The output voltage of the amplifier (VD) varies as a function of both the bias current (ICC) and the temperature. The vari-
ation of device voltage versus current is supplied on each data sheet. From this data, a coefficient may be calculated for
the change in VD versus current (see Figure 4). Notice that all coefficients are positive, indicating that the device voltage
increases with increasing current. A large bias resistor is desirable because it reduces the variation in bias current,
reducing the change in important amplifier parameters such as P1dB and IP3. Selecting a large bias resistor, RBIAS,
requires selecting a higher voltage supply (VCC) to maintain the desired bias current (ICC). The current steering circuit
(see Figure 3) provides a steady current and minimizes variations in amplifier parameters as well.
Table 1. Summary of the coefficient of the change in device voltage (VD) versus amplifier current (ICC).
The data is calculated from the plot provided with each datasheet. The positive coefficient indicates
that the device voltage increases with increasing current.)
Device voltage (VD) decreases with increasing temperature as shown in Figure 5. An average rate of change of the
device voltage versus temperature is calculated and provided in the table. The device voltage can be expressed as a
function both current and temperature as follows.
Eq. 5
Table 2. Summary of the dependence of the amplifier output voltage (VD) versus temperature.
The coefficient of the change in device voltage (VD) versus ambient temperature is calculated from the
tabular data. The negative coefficient indicates that the device voltage decreases with increasing current.
NBB Amplifier Model Number
Typical Device Voltage Variation with Current,
δV
D/δICC (in V/A)
NBB-300
NBB-301
+4
NBB-400
NBB-401
+4
NBB-410
+7
NBB-500
+3
Model
Number
Amplifier
Current (mA)
Device Voltage (VD) versus Temperature
Temp. Coef.
(mV/°C)
-45°C
+25°C
+85°C
NBB-300
NBB-301
50
4.03
3.86
3.70
-2.75
NBB-400
NBB-401
50
4.09
3.90
3.74
-2.80
NBB-410
65
4.19
4.00
3.88
-2.85
NBB-500
35
4.12
3.94
3.78
-2.70
P
REDUCTION
20
LOG
2R
BIAS
50
+
()
2R
BIAS
-----------------------------------


×
=
V
D ICC T
,
() V
O
δV
D
δI
CC
------------


I
CC
δV
D
δT
----------


TT
O
()
×
+
×
+
=



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com