Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP20 Datasheet(PDF) 1 Page - EDSYN Inc.

Part # LP20
Description  Pick Up Tool Needles and Suction Cups
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDSYN [EDSYN Inc.]
Direct Link  https://www.edsyn.com/
Logo EDSYN - EDSYN Inc.

LP20 Datasheet(HTML) 1 Page - EDSYN Inc.

  LP20 Datasheet HTML 1Page - EDSYN Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www .edsyn.com
PHONE: 818.989.2324 • FAX (Sales): 818.997.0895 FAX (Service): 818.997.0460 • Email:info@edsyn.com
80
...bringing innovative ideas to life
Part #
Image Description
LP20 LP200 VA175 VA251
Standard Purpose Needles
LN250
Small Angled Lifting Needle with SP125 1/8" Suction Cup
X
X
X
X
LN251
Small Straight Lifting Needle with SP125 1/8" Suction Cup
X
X
X
X
LN260
Med. Angled Lifting Needle with SP250 1/4" Suction Cup
X
X
X
X
LN261
Med. Straight Lifting Needle with SP250 1/4" Suction Cup
X
X
X
X
LN270
Large Angled Lifting Needle with SP375 3/8" Suction Cup
X
X
X
X
LN271
Large Straight Lifting Needle with SP375 3/8" Suction Cup
X
X
X
X
Non-Reflective Needles
LN250S
Small Angled Lifting Needle with SP125 1/8" Suction Cup
X
X
X
X
LN251S
Small Straight Lifting Needle with SP125 1/8" Suction Cup
X
X
X
X
LN260S
Med. Angled Lifting Needle with SP250 1/4" Suction Cup
X
X
X
X
LN261S
Med. Straight Lifting Needle with SP250 1/4" Suction Cup
X
X
X
X
LN270S
Large Angled Lifting Needle with SP375 3/8" Suction Cup
X
X
X
X
LN271S
Large Straight Lifting Needle with SP375 3/8" Suction Cup
X
X
X
X
Part #
Image
Description
LP20 LP200 VA175 VA251
Precision Stainless Steel Needles - use with LNA27 & RCA27
LN275
Angled Lifting Needle OD: .03" (.76mm)
X
X
LN275-1
Angled Lifting Needle OD: .02" (.5mm)
X
X
LN275-2
Angled Lifting Needle OD: .01" (.2mm)
X
X
LN276
Angled Lifting Needle OD: .07" (1.8mm)
X
X
LN277
Angled Lifting Needle OD: .05" (1.3mm)
X
X
LN278
Angled Lifting Needle OD: .05" (1.3mm)
X
X
LN279
Angled Lifting Needle OD: .03" (.76mm)
X
X
LN282
Angled Lifting Needle OD: .07" (1.8mm)
X
X
Suction Cups - Use with Standard Purpose and Non-Reflective Needles Only
SP375
3/8" Static-Safe Silicone Suction Cup
X
X
X
X
SP250
1/4" Static-Safe Silicone Suction Cup
X
X
X
X
SP125
1/8" Static-Safe Silicone Suction Cup
X
X
X
X
SP093
3/32" Static-Safe Silicone Suction Cup
X
X
X
X
SP750
3/4" Static-Safe Silicone Suction Cup
X
X
X
X
SP625
5/8" Static-Safe Silicone Suction Cup
X
X
X
X
SP500
1/2" Static-Safe Silicone Suction Cup
X
X
X
X
Pick Up Tool Needles and Suction Cups
Note: This section is limited. For a complete list ask for Edsyn's Hand Tools Catalog solely dedicated to production aids and accessories.


Similar Part No. - LP20

ManufacturerPart #DatasheetDescription
logo
Altech corporation
LP20 ALTECH-LP20 Datasheet
455Kb / 1P
30 mm Legend Plates LPxxx (xxx= Title)
logo
Superworld Electronics
LP20-1200 SUPERWORLD-LP20-1200 Datasheet
110Kb / 1P
POWER TRANSFORMER
LP20-125 SUPERWORLD-LP20-125 Datasheet
109Kb / 1P
POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
LP20-125B26 PULSE-LP20-125B26 Datasheet
152Kb / 1P
Laminated Transformers
LP20-125B26 PULSE-LP20-125B26 Datasheet
147Kb / 4P
IGNITION TRANSFORMERS
More results

Similar Description - LP20

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8025F TOSHIBA-TA8025F Datasheet
195Kb / 5P
PICK UP SENSOR INTERFACE IC
TA8025P TOSHIBA-TA8025P Datasheet
194Kb / 5P
PICK UP SENSOR INTERFACE IC
logo
Fuji Electric
EDS8-3E FUJI-EDS8-3E Datasheet
253Kb / 6P
PICK-UP
logo
Sensortechnics GmbH
LD65E7S-A SENSORTECHNICS-LD65E7S-A Datasheet
1Mb / 4P
Optical Pick Up
LD65F6S-A SENSORTECHNICS-LD65F6S-A Datasheet
1Mb / 6P
Optical Pick-up
LD65F7S-A SENSORTECHNICS-LD65F7S-A Datasheet
1Mb / 6P
Optical Pick-up
logo
TE Connectivity Ltd
C-1586842 TEC-C-1586842 Datasheet
187Kb / 1P
KAPTON VACUUM PICK UP BUTTON
logo
Festo Corporation.
HSP-12-AP-WR FESTO-HSP-12-AP-WR Datasheet
99Kb / 2P
Pick and place machine
HSP-25-AP-SD-WR FESTO-HSP-25-AP-SD-WR Datasheet
84Kb / 2P
Pick and place machine
logo
Greystone Energy System...
OPV GREYSTONE-OPV Datasheet
358Kb / 2P
OUTSIDE AIR PICK-UP PORT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com