Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L298 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L298
Description  DUAL FULL-BRIDGE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L298 Datasheet(HTML) 1 Page - STMicroelectronics

  L298 Datasheet HTML 1Page - STMicroelectronics L298 Datasheet HTML 2Page - STMicroelectronics L298 Datasheet HTML 3Page - STMicroelectronics L298 Datasheet HTML 4Page - STMicroelectronics L298 Datasheet HTML 5Page - STMicroelectronics L298 Datasheet HTML 6Page - STMicroelectronics L298 Datasheet HTML 7Page - STMicroelectronics L298 Datasheet HTML 8Page - STMicroelectronics L298 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
L298
Jenuary 2000
DUAL FULL-BRIDGE DRIVER
Multiw att15
O RDERING NUMBERS : L298N (Mult iwatt Vert. )
L298HN (Multiwatt Horiz. )
L298P (PowerSO20)
BLOCK DIAGRAM
.
OPERATING SUPPLY VOLTAGE UP TO 46 V
.
TOTAL DC CURRENT UP TO 4 A
.
LOW SATURATION VOLTAGE
.
OVERTEMPERATURE PROTECTION
.
LOGICAL ”0” INPUT VOLTAGE UP TO 1.5 V
(HIGH NOISE IMMUNITY)
DESCRIPTION
The L298 is an integrated monolithic circuit in a 15-
lead Multiwatt and PowerSO20 packages. It is a
high voltage, high current dual full-bridge driver de-
signed to accept standardTTL logic levels and drive
inductive loads such as relays, solenoids, DC and
stepping motors. Two enableinputs are provided to
enable or disable the deviceindependentlyof the in-
put signals. The emitters of the lower transistors of
each bridge are connected together and the corre-
sponding external terminal can be used for the con-
nectionof an externalsensing resistor. An additional
supply input is provided so that the logic works at a
lower voltage.
PowerSO20
®
1/13


Similar Part No. - L298

ManufacturerPart #DatasheetDescription
logo
Seeed Technology Co.,Lt...
L298N SEEEDSTUDIO-L298N Datasheet
1Mb / 17P
Grove - I2C Motor Driver V1.3
7/24/22, 10:33 AM
More results

Similar Description - L298

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM18298 NSC-LM18298 Datasheet
147Kb / 8P
Dual Full-Bridge Driver
logo
STMicroelectronics
L6226 STMICROELECTRONICS-L6226 Datasheet
404Kb / 22P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
logo
Intersil Corporation
CA3275 INTERSIL-CA3275 Datasheet
37Kb / 5P
Dual Full Bridge Driver
April 1994
logo
Toshiba Semiconductor
TB6561FG TOSHIBA-TB6561FG Datasheet
220Kb / 14P
Dual Full-Bridge Driver IC
logo
STMicroelectronics
L6204 STMICROELECTRONICS-L6204_03 Datasheet
667Kb / 12P
DMOS DUAL FULL BRIDGE DRIVER
Jul-2003
logo
Allegro MicroSystems
A3909 ALLEGRO-A3909 Datasheet
267Kb / 10P
Dual Full Bridge Motor Driver
logo
STMicroelectronics
L6205PD013TR STMICROELECTRONICS-L6205PD013TR Datasheet
400Kb / 21P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6226PDTR STMICROELECTRONICS-L6226PDTR Datasheet
533Kb / 31P
DMOS dual full bridge driver
21-Oct-2009
logo
Allegro MicroSystems
A4990 ALLEGRO-A4990 Datasheet
300Kb / 13P
Automotive Dual Full Bridge Driver
logo
STMicroelectronics
L289 STMICROELECTRONICS-L289 Datasheet
603Kb / 13P
DUAL FULL-BRIDGE DRIVER
Jenuary 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com