Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVL-50V331MIE-R5 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # HVL-50V331MIE-R5
Description  Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] for General Electronic Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HVL-50V331MIE-R5 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  HVL-50V331MIE-R5 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HVL-50V331MIE-R5 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Data at any time without notice.
Before making final selection, please check product specification.
https://www.yuden.co.jp/en/
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] for General Electronic Equipment
RSHVL331M1UGL5005 (Previous PN: HVL-50V331MIE-R5)
Features
Item Summary
330uF±20%, 50V, φ12.5x13.5mm, SMD
Lifecycle Stage
Mass Production (Preferred)
Standard packaging quantity (minimum)
Embossed taping 200 pcs
Products characteristics table
Operating Temp. Range
-55 to +125 ℃
Rated Voltage
50 V
Rated Capacitance
330 uF
Tolerance at rated capacitance
± 20 %
Leakage current (max)
165 uA at 2 min
Tangent of loss angle (tanδ) (max)
0.1
ESR (max)
20 mΩ at 100kHz / 20 ℃
Rated Ripple (max)
3000 mArms at 100kHz / 125 ℃
Impedance ratio___[-25℃/+20℃]
1.5
Impedance ratio___[-55℃/+20℃]
2
Endurance (Applied ripple current)
8000 hours at 125 ℃
___[Test time]
Endurance___[Leakage current]
The initial specified value or less
Endurance___[Capacitance change]
Within ±30% of initial value
Endurance___[tanδchange]
200% or less of the initial specified value
Endurance___[ESR change]
200% or less of the initial specified value
Shelf life___Test time
1000 hours at 125℃
; Other items are same as the endurance. How
ever, the performance shall be after voltage app
lication treatment (JIS C5101-4).
RoHS Compliance (10 subst.)
Yes
REACH Compliance (251 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension φD
φ12.5 ±0.5 mm
Dimension L
13.5 ±0.5 mm
Dimension A
13 ±0.2 mm
Dimension B
13 ±0.2 mm
Dimension (C)
4.9 mm
Dimension (P)
4.6 mm
Dimension W
1 to 1.4 mm
Dimension M
0.7 ±0.3 mm
2025.12.22
1 / 1


Similar Part No. - HVL-50V331MIE-R5

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HVL-50V331MIEN-R5 TAIYO-YUDEN-HVL-50V331MIEN-R5 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Body & Chassis and Infotainment
2023.05.15
HVL-50V331MIEQ-R5 TAIYO-YUDEN-HVL-50V331MIEQ-R5 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Powertrain and Safety
More results

Similar Description - HVL-50V331MIE-R5

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RSHVL101M1UFH0002 TAIYO-YUDEN-RSHVL101M1UFH0002 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL]
RSHVL101M4EFK5002 TAIYO-YUDEN-RSHVL101M4EFK5002 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL]
RSHVL151M1GEH0002 TAIYO-YUDEN-RSHVL151M1GEH0002 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL]
RSHVL221M1TEH0002 TAIYO-YUDEN-RSHVL221M1TEH0002 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL]
RSHVL271M1GFH0002 TAIYO-YUDEN-RSHVL271M1GFH0002 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL]
RSHVL330M4EEH0002 TAIYO-YUDEN-RSHVL330M4EEH0002 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL]
RSHVL331M1TFH0002 TAIYO-YUDEN-RSHVL331M1TFH0002 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL]
RSHVL391M1GFK5002 TAIYO-YUDEN-RSHVL391M1GFK5002 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL]
RSHVL561M1GGL5005 TAIYO-YUDEN-RSHVL561M1GGL5005 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL]
RSHVL561M1TFK5002 TAIYO-YUDEN-RSHVL561M1TFK5002 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL]
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com