Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3030 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L3030
Description  SUBSCRIBER LINE INTERFACE KIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3030 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L3030 Datasheet HTML 16Page - STMicroelectronics L3030 Datasheet HTML 17Page - STMicroelectronics L3030 Datasheet HTML 18Page - STMicroelectronics L3030 Datasheet HTML 19Page - STMicroelectronics L3030 Datasheet HTML 20Page - STMicroelectronics L3030 Datasheet HTML 21Page - STMicroelectronics L3030 Datasheet HTML 22Page - STMicroelectronics L3030 Datasheet HTML 23Page - STMicroelectronics L3030 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RINGING PHASE
Zir
Ringing Amplif. Input Impedance
Pin 41 of L3030
100
k
Vrr
Residual of Ringing Signal at TX
Output
600
mV
Trt
Ring Trip Detection Time
fring = 16Hz
T = 1/fring
(1T)
125
(2T)
ms
Toh
Off-hook Status Delay after the
Ringing Stop
125
(2T)
ms
Trs
Cut off of Ringing
Ring Trip not Confirmed
188
(3T)
ms
SUPPLY CURRENT
IDD
Positive Supply Current CS = 1
Stand-by
Conversation (NB/BB)
Ringing
16.0
26.0
16.5
20.0
31.0
21.0
mA
mA
mA
ISS
Negative Supply Current CS = 1
Stand-by
Conversation (NB/BB)
Ringing
9
19
9
12
23
12
mA
mA
mA
IBAT–
Negative Battery Supply Current Line
Current = 0mA
Stand-by
Conversation NB
Conversation BB
Ringing
2
5
6.6
14
2.5
6.5
8.0
17
mA
mA
mA
mA
IBAT+
Positive Battery Supply Current Line
Current = 0mA
Stand by
Conversation NB
Conversation BB
Ringing
10
10
8
12
15
15
10
13.5
µA
µA
mA
mA
NB = Normal Batter y
BB = Boosted Bat tery
Figure 12 : Slic Test Circuit Schematic.
L3000S
L3000S - L3030
20/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com