Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5924 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5924
Description  3.7V, SINGLE-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5924 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5924 Datasheet HTML 1Page - RF Micro Devices RF5924 Datasheet HTML 2Page - RF Micro Devices RF5924 Datasheet HTML 3Page - RF Micro Devices RF5924 Datasheet HTML 4Page - RF Micro Devices RF5924 Datasheet HTML 5Page - RF Micro Devices RF5924 Datasheet HTML 6Page - RF Micro Devices RF5924 Datasheet HTML 7Page - RF Micro Devices RF5924 Datasheet HTML 8Page - RF Micro Devices RF5924 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 of 14
RF5924
Rev A6 DS061018
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5.4
V
DC
DC Supply Current
400
mA
Extreme Operating
Temperature Range
(Reduced Performance)
-30 to -15
°C
Storage Temperature
-40 to +85
°C
Antenna Port Nominal
Impedance
50
Ω
Maximum TX Input Power
for 11b (No Damage)
+10
dBm
Maximum TX Input Power
for 11g (No Damage)
+10
dBm
Moisture Sensitivity
JEDEC Level 3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
WLAN TX Path
Band Frequency Range
2400
2450
2500
MHz
11g Operation
Nominal conditions: VCC=3.7V; PA_EN=2.79V;
Freq=2.45GHz; T=+25°C.
Switch is configured as per the Switch Truth
table unless otherwise noted.
11g Output Power
16
dBm
1000 byte packet at 54Mbps, 20 packet aver-
age
11g EVM at Rated Output Power
2.5
3.3
%
1000 byte packet at 54Mbps, 20 packet aver-
age, PO=+16dBm
11g Supply Current
180
220
mA
PO=+16dBm, PA_EN=2.79V, VCC=3.7V
11b Operation
11b Output Power
20.5
dBm
With 11Mbps CCK POUT (b), meeting
ACP1/ACP2 requirements
11b Adjacent Channel Mask at
Rated Output Power
-38.0
-33.5
dBc
Relative to peak level on channel at rated out-
put power
11b Alternate Channel Mask at
Rated Output Power
-56
-53
dBc
Relative to peak level on channel at rated out-
put power
11b Supply Current
240
260
mA
POUT(b)=21dBm, VCC=3.7V, PA_EN=2.79V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com