| Electronic Components Datasheet Search |
|
L3000SX-77 Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L3000SX-77 Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 29 page ![]() PIN DESCRIPTION (L3000S) FLEX. N ° PSO N ° Name Description 1 3 TIP A line termination output with current capability up to 100mA (Ia is the current sourced from this pin). 2 4 MNT Positive Supply Voltage Monitor 35 VB+ Positive Battery Supply Voltage 4 6 BGND Battery ground relative to the VB+ and the VB– supply voltages. It is also the reference ground for TIP and RING signals. 57 VDD Positive Power Supply + 5V 6 8 VIN 2 wire unbalanced voltage input. 7 9 VBIM Output voltage without current capability, with the following functions : - give an image of the total battery voltage scaled by 40 to the low voltage part. - filter by an external capacitor the noise on VB–. 81, 10 11, 20 VB– Negative Battery Supply Voltage 9 12 AGND Analog Ground. All input signals and the VDD supply voltage must be referred to this pin. 10 13 REF Voltage reference output with very low temperature coefficient. The connected resistor sets internal circuit bias current. 11 14 C1 Digital signal input (3 levels) that defines device status with pin 12. 12 15 C2 Digital signal input (3 levels) that defines device status with pin 11. 13 16 IT High precision scaled transversal line current signal. IT = Ia + Ib 100 14 17 IL Scaled longitudinal line current signal. IL = Ib − Ia 100 15 19 RING B line termination output with current capability up to 100mA (Ib is the current sunk into this pin). – 2, 18 N.C. Not connected Notes: 1) Unless otherwise specified all the diagrams in this datasheet refers to the FLEXIWATT15 pin connection. 2) All informations relative to the PowerSO-20 package option should be considered as advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice. L3000S - L3030 3/29 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |