Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQ-ESD-MAT-1X2 Datasheet(PDF) 1 Page - Chip Quik Inc.

Part # CQ-ESD-MAT-1X2
Description  ESD Mats and Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

CQ-ESD-MAT-1X2 Datasheet(HTML) 1 Page - Chip Quik Inc.

  CQ-ESD-MAT-1X2 Datasheet HTML 1Page - Chip Quik Inc. CQ-ESD-MAT-1X2 Datasheet HTML 2Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.8
www.chipquik.com
CQ-ESD-MAT and Accessories
Product Highlights
Chip Quik ESD Mats are 0.079” (2mm) thick and come in sizes
of 1x1 feet, 1x2 feet, 2x3 feet, 2x4 feet, as well as 50-foot-long rolls
in widths of 2, 2.5, 3 and 4 feet.
RoHS 3 and REACH compliant
Specifications
Thickness: 0.079" (2mm)
Resistance (Surface to Ground): 1x10^6 to 1x10^9 ohms
Resistance (Surface to Surface): 1x10^6 to 1x10^9 ohms
Orderable Part Numbers
Part Number
Color
Size (Tolerance)
Thickness
Resistance
CQ-ESD-MAT-1x1
Light Blue
1’ x 1’ (-0/+2%)
0.079”
10^6 to 10^9 ohm
CQ-ESD-MAT-1x2
Light Blue
1’ x 2’ (-0/+2%)
0.079”
10^6 to 10^9 ohm
CQ-ESD-MAT-2x3
Light Blue
2’ x 3’ (-0/+2%)
0.079”
10^6 to 10^9 ohm
CQ-ESD-MAT-2x4
Light Blue
2’ x 4’ (-0/+2%)
0.079”
10^6 to 10^9 ohm
CQ-ESD-MAT-2x50
Light Blue
2’ x 50’ (-0/+2%)
0.079”
10^6 to 10^9 ohm
CQ-ESD-MAT-2.5x50
Light Blue
2.5’ x 50’ (-0/+2%)
0.079”
10^6 to 10^9 ohm
CQ-ESD-MAT-3x50
Light Blue
3’ x 50’ (-0/+2%)
0.079”
10^6 to 10^9 ohm
CQ-ESD-MAT-4x50
Light Blue
4’ x 50’ (-0/+2%)
0.079”
10^6 to 10^9 ohm
CQ-ESD-WRIST-1
Light Blue
3’-6’ stretch
1M ohm
CQ-GROUND-CORD-1
Black
6’
1M ohm
CQ-ESD-BUTTON-1
Metal
CQ-ESD-CRIMPER-1
Green/Red
What’s Included
- 1x1 foot, 1x2 foot, 2x3 foot and 2x4 foot ESD Mats each come with two grounding buttons pre-installed, as well as one wrist
strap and one grounding cord.
- 50-foot rolls do not include grounding buttons, wrist straps or grounding cords, but those parts can be ordered separately.
Grounding
Lay the ESD Mat in position on your work surface (Light Blue side up, black side down). Snap the black ground cord to a
grounding button on the ESD Mat. Connect the other end of the ground cord to a common ground point, such as the center
screw of a standard AC electrical outlet, using the ring terminal located on the end of the ground cord. Testing is
recommended to make sure the screw is properly grounded.
Product Photos
CQ-ESD-MAT-1x1
CQ-ESD-MAT-1x2
CQ-ESD-MAT-2x3
CQ-ESD-MAT-2x4
Continued on Next Page 
1
© 1994-2024 Chip Quik® Inc.
E
ES
SD
D M
Ma
atts
s a
an
nd
d A
Ac
cc
ce
es
ss
so
orriie
es
s


Similar Part No. - CQ-ESD-MAT-1X2

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-2063 AKM-CQ-2063 Datasheet
734Kb / 13P
Fast response small current sensor
CQ-2064 AKM-CQ-2064 Datasheet
734Kb / 13P
A small high-speed current Center for Applied thermal
CQ-2065 AKM-CQ-2065 Datasheet
734Kb / 13P
A small high-speed current Center for Applied thermal
CQ-2066 AKM-CQ-2066 Datasheet
886Kb / 13P
A small high-speed current Center for Applied thermal
CQ-206A AKM-CQ-206A Datasheet
803Kb / 13P
Fast response small current sensor
More results

Similar Description - CQ-ESD-MAT-1X2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15006 ETC2-15006 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
16282 ETC2-16282 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
42518 ETC2-42518 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
logo
Bertech.
1059 BERTECH-1059 Datasheet
120Kb / 1P
ESD General Purpose Mats & Mat Kits
2059R BERTECH-2059R Datasheet
169Kb / 1P
ESD Rubber Mats & Mat Kits
2059S BERTECH-2059S Datasheet
170Kb / 1P
ESD Soldering Mats & Mat Kits
2059T BERTECH-2059T Datasheet
170Kb / 1P
ESD High Temperature Mats & Mat Kits
3059 BERTECH-3059 Datasheet
170Kb / 1P
ESD Vinyl Mats and Mat Kits
ESDFM BERTECH-ESDFM Datasheet
122Kb / 1P
ESD Foam Mats & Mat Kits
logo
Kendall Howard
ESDC-7836-2000 KENDALLHOWARD-ESDC-7836-2000 Datasheet
502Kb / 1P
ESD CABINET AND ACCESSORIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com